Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7095 Datasheet HTML 1Page - Anpec Electronics Coropration APW7095 Datasheet HTML 2Page - Anpec Electronics Coropration APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
2
APW7095/A
Package Code
QD : LQFP7x7-48
QB : TQFN7x7-48
Operating Ambient Temperature Range
E : -30 to 85 C
Handling Code
TB : Tape & Box
TR : Tape & Reel
Assembly Material
L : Lead Free Device G : Halogen and Lead Free Device
°
Handling Code
Temperature Range
Package Code
XXXXX - Date Code
APW7095 QD/QB :
APW7095
XXXXX
APW7095A QD/QB :
APW7095A
XXXXX
XXXXX - Date Code
Assembly Material
Ordering and Marking Information
Pin Configuration
35
34
33
32
31
30
29
28
27
26
25
APW7095/A
1
2
3
4
5
6
7
8
9
10
11
12
36
SWOUT
CIN6
FB2
D TC2
IN1
FB1
D TC1
RT
CT
VB
IN3
FB3
D TC3
IN2
SWIN
FB6
IN6
D TC5
FB5
IN5
INA4
OU TA4
FB4
IN4
IC
APW7095
APW7095A
CH1
Synchronous
Step-down
Synchronous
Step-down
CH2
Synchronous
Up-down
Synchronous
Step-up
CH3
Step-up
Step-up
CH4
Step-up
Inverting
CH5
Synchronous
Step-up
Synchronous
Step-up
CH6
Step-up
Step-up
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com