Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7095 Datasheet HTML 2Page - Anpec Electronics Coropration APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration APW7095 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
6
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over, V
CC=5V and TA= -30 to 85°C, unless other-
wise specified. Typical values refer to T
A =25°C.
APW7095/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM COMPARATOR (CH6)
VT0
Duty = 0%
0.2
0.3
-
VTmax
Threshold Voltage
Duty = Max.
-
0.74
0.84
V
Dtr
Maximum Duty Cycle
CT = 100pF, RT = 18k
Ω
70
80
90
%
PWM CONTROLLER DRIVER FOR P-MOS (CH1, CH2, CH5)
ISOURCE
Output Source Current
Duty
≤ 5%, OUT = 0V
-
-130
-80
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
100
160
-
mA
ROH
OUT = -15mA
-
18
30
ROL
Output ON Resistance
OUT = 15mA
-
10
20
Ω
PWM CONTROLLER DRIVER FOR N-MOS (CH1, CH2, CH5, CH6)
ISOURCE
Output Source Current
Duty
≤ 5%, OUT = 0V
-
-130
-80
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
100
160
-
mA
ROH
OUT = -15mA
-
18
30
ROL
Output ON Resistance
OUT = 15mA
-
10
20
Ω
PWM CONTROLLER DRIVER FOR P-MOS (CH3, CH4)
ISOURCE
Output Source Current
Duty
≤ 5%, OUT = 0V
-
-290
-180
ISINK
Output Sink Current
Duty
≤ 5%, OUT = 5V
300
470
-
mA
ROH
OUT = -15mA
-
7
15
ROL
Output ON Resistance
OUT = 15mA
-
4
10
Ω
OUTPUT SWITCH CONTROL (SW)
VIH
SWOUT = ”L” level
1.2
-
6.5
VIL
SW Input Voltage
SWOUT = ”H” level
0
-
0.5
V
ISWIN
Input Current
SWIN = 5V
-
2.5
20
µA
ISOURCE
Output Source Current
SWOUT = 0V
-
-7
-
mA
ISINK
Output Sink Current
SWOUT = 5V
-
19
-
mA
ROH
OUT = -4mA
-
325
400
ROL
Output ON Resistance
OUT = 4mA
-
85
150
Ω
POWER GOOD
VTH
IN1 Upper Threshold Voltage
Rising IN1
-
110
-
%
VTH
IN1 Lower Threshold Voltage
Rising IN1
-
94
-
%
Upper/Lower Hysteresis
-
2
-
%
VPGOOD
PGOOD Output Voltage
IPGOOD = 4mA
-
0.17
0.8
V
CONTROL BLOCK (CTL, CT1 to CT5)
VIH
Active Mode
1.5
-
6.5
VIL
CTL Input Voltage
Standby Mode
0
-
0.5
V
ICTL
Input Current
CTL = 5V
-
2.6
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com