Electronic Components Datasheet Search
  English  ▼

X  

APW7095 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7095
Description  6-Channel DC/DC Converter Control IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7095 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7095 Datasheet HTML 1Page - Anpec Electronics Coropration APW7095 Datasheet HTML 2Page - Anpec Electronics Coropration APW7095 Datasheet HTML 3Page - Anpec Electronics Coropration APW7095 Datasheet HTML 4Page - Anpec Electronics Coropration APW7095 Datasheet HTML 5Page - Anpec Electronics Coropration APW7095 Datasheet HTML 6Page - Anpec Electronics Coropration APW7095 Datasheet HTML 7Page - Anpec Electronics Coropration APW7095 Datasheet HTML 8Page - Anpec Electronics Coropration APW7095 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Dec., 2008
APW7095/A
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW7095/A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER (CH1 to CH5) (Cont.)
IB
Input Bias Current
IN = 0V (CH1 to CH5)
-50
-
-
nA
AV
Voltage Gain
DC
60
100
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE
Output Source Current
FB = 1.45V
-
-25
-10
mA
ISINK
Output Sink Current
FB = 1.45V
5
16
-
mA
ERROR AMPLIFIER (CH6)
VTH
Threshold Voltage
FB = 0.55V
1.24
1.26
1.28
V
∆V
TH/
VTH
VTH Temperature Stability
TA = -30°C to 85°C
-
0.5
-
%
IB
Input Bias Current
IN6 = 0V
-50
-
-
nA
AV
Voltage Gain
DC
60
75
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE
Output Source Current
FB = 0.55V
-
-50
-10
mA
ISINK
Output Sink Current
FB = 0.55V
60
120
-
µA
INVERTED AMPLIFIER (CH4)
VIO
Input Offset Voltage
OUT = 1.25V
-10
0
10
mV
IB
Input Bias Current
IN = 0V
-50
-
-
nA
AV
Voltage Gain
DC
60
100
-
dB
BW
Frequency Bandwidth
AV = 0dB
-
1.0
-
MHz
VOH
Maximum Output Voltage
4.9
4.99
-
V
VOL
Minimum Output Voltage
-
3
50
mV
ISOURCE
Output Source Current
OUT = 1.25V
-
-26
-1.0
mA
ISINK
Output Sink Current
OUT = 1.25V
5
16
-
mA
SHORT DETECT COMPARATOR (CH1 to CH5)
VTH
Threshold Voltage
CH1 to CH5
0.97
1.00
1.03
V
IN = 0V (CH1 to CH3, CH5)
-50
-
-
IB
Input Bias Current
INS4 = 0V (CH4)
-50
-
-
nA
SHORT DETECT COMPARATOR (CH6)
VTH
Threshold Voltage
0.8
0.9
1.0
V
PWM COMPARATOR (CH1 to CH5)
VT0
Duty = 0%
1.0
1.1
-
VT100
Threshold Voltage
Duty = 100%
-
1.8
1.9
V
IDTC
Input Current
DTC = 0.4V (CH1 to CH5)
-50
-
-
nA
Refer to the typical application circuit. These specifications apply over, V
CC=5V and TA= -30 to 85°C, unless other-
wise specified. Typical values refer to T
A =25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com