Electronic Components Datasheet Search
  English  ▼

X  

APW7165C Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7165C Datasheet HTML 10Page - Anpec Electronics Coropration APW7165C Datasheet HTML 11Page - Anpec Electronics Coropration APW7165C Datasheet HTML 12Page - Anpec Electronics Coropration APW7165C Datasheet HTML 13Page - Anpec Electronics Coropration APW7165C Datasheet HTML 14Page - Anpec Electronics Coropration APW7165C Datasheet HTML 15Page - Anpec Electronics Coropration APW7165C Datasheet HTML 16Page - Anpec Electronics Coropration APW7165C Datasheet HTML 17Page - Anpec Electronics Coropration APW7165C Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
14
Application Information (Cont.)
Compensation (Cont.)
Figure 6. Converter Gain & Frequency
MOSFET Selection
The selection of the N-channel power MOSFETs is deter-
mined by the R
DS(ON), reverse transfer capacitance (CRSS),
and maximum output current requirement.The losses in
the MOSFETs have two components: conduction loss and
transition loss. For the upper and lower MOSFET, the
losses are approximately given by the following equations:
P
UPPER = IOUT
2 (1+ TC)(R
DS(ON))D + (0.5)(Iout)(VIN)(tsw)FSW
P
LOWER = IOUT
2 (1+ TC)(R
DS(ON))(1-D)
where I
OUT is the load current
TC is the temperature dependency of R
DS(ON)
F
SW is the switching frequency
t
sw is the switching interval
D is the duty cycle
Note that both MOSFETs have conduction losses while
the upper MOSFET includes an additional transition loss.
The switching internal, t
sw, is the function of the reverse
transfer capacitance C
RSS. Figure 7 illustrates the switch-
ing waveform internal of the MOSFET.
The (1+TC) term factors in the temperature dependency
of the R
DS(ON) and can be extracted from the “RDS(ON) vs Tem-
perature”curve of the power MOSFET.
1
F
C1
R3
C1
C2
SW
−
×
×
×
π
=
Layout Consideration
In any high switching frequency converter, a correct lay-
out is important to ensure proper operation of the
regulator. With power devices switching at 300kHz,the
resulting current transient will cause voltage spike across
the interconnecting impedance and parasitic circuit
elements. As an example, consider the turn-off transition
of the PWM MOSFET. Before turn-off, the MOSFET is car-
rying the full load current. During turn-off, current stops
flowing in the MOSFET and is free-wheeling by the lower
MOSFET and parasitic diode. Any parasitic inductance of
the circuit generates a large voltage spike during the
switching interval. In general, using short and wide printed
circuit traces should minimize interconnecting imped-
Figure 7. Switching waveform across MOSFET
2. Place the zero F
Z before the LC filter double poles FLC:
F
Z = 0.75 x FLC
Calculate the C1 by the equation:
3. Set the pole at the half the switching frequency:
F
P = 0.5xFSW
Calculate the C2 by the equation:
LC
F
0.75
R1
2
1
C1
×
×
×
π
×
=
F
LC
F
ESR
F
P=0.5FSW
F
Z=0.75FLC
F
O
Frequency
PWM &
Filter Gain
Compensation
Gain
Converter
Gain
Gain
20 . log(gm . R3)
∆V
OSC
V
IN
20.log
Time
V
DS
t
sw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com