Electronic Components Datasheet Search
  English  ▼

X  

APW7165C Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7165C Datasheet HTML 1Page - Anpec Electronics Coropration APW7165C Datasheet HTML 2Page - Anpec Electronics Coropration APW7165C Datasheet HTML 3Page - Anpec Electronics Coropration APW7165C Datasheet HTML 4Page - Anpec Electronics Coropration APW7165C Datasheet HTML 5Page - Anpec Electronics Coropration APW7165C Datasheet HTML 6Page - Anpec Electronics Coropration APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
3
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VVCC
VCC Supply Voltage (VCC to GND)
4.5 ~ 13.2
V
VOUT
Converter Output Voltage
0.9 ~ 5
V
VIN
Converter Input Voltage
2.9 ~ VVCC
V
IOUT
Converter Output Current
0 ~ 20
A
TA
Ambient Temperature
-20 ~ 70
°C
TJ
Junction Temperature
-20 ~ 125
°C
Electrical Characteristics
APW7165C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY VOLTAGE AND CURRENT
VCC Supply Current (Shutdown Mode)
UGATE and LGATE open;
COMP=GND
-
4
6
IVCC
VCC Supply Current
UGATE and LGATE open
-
16
24
mA
POWER-ON-RESET (POR)
Rising VCC POR Threshold
3.7
4.1
4.4
V
VCC POR Hysteresis
0.3
0.45
0.6
V
OSCILLATOR
FOSC
Oscillator Frequency
270
300
330
kHz
∆V
OSC
Oscillator Sawtooth Amplitude
(Note 4)
-
1.5
-
V
DMAX
Maximum Duty Cycle
85
-
90
%
ERROR AMPLIFIER
VREF
Reference Voltage
TA = -20 ~ 70°C
0.594
0.6
0.606
V
Converter Load Regulation
(Note 4)
IOUT = 2 ~ 12A
-
-
0.2
%
gm
Transconductance
-
667
-
µA/V
FB Input Leakage Current
VFB = 0.6V
-
0.1
1
µA
COMP High Voltage
RL = 10k
Ω to GND
-
2.5
-
COMP Low Voltage
RL = 10k
Ω to GND
-
1
-
V
Maximum COMP Source Current
VCOMP = 2V
-
200
-
Maximum COMP Sink Current
VCOMP = 2V
-
200
-
µA
GATE DRIVERS
High-Side Gate Driver Source Current
VBOOT= 12V, VUGATE-PHASE = 2V
-
1.8
-
A
High-Side Gate Driver Sink Impedance
BOOT=12V, IUGATE = 0.1A
-
2.3
-
Ω
Low-Side Gate Driver Source Current
VVCC = 12V, VLGATE = 2V
-
1.8
-
A
Low-Side Gate Driver Sink Impedance
VVCC =12V, IUGATE = 0.1A
-
1.3
-
Ω
TD
Dead-Time
(Note 4)
-
30
-
ns
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -20°C to 70°C, unless otherwise
noted. Typical values are at T
A = 25°C.
Note 3: Refer to the application circuit for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com