Electronic Components Datasheet Search
  English  ▼

X  

APW7165C Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW7165C Datasheet HTML 1Page - Anpec Electronics Coropration APW7165C Datasheet HTML 2Page - Anpec Electronics Coropration APW7165C Datasheet HTML 3Page - Anpec Electronics Coropration APW7165C Datasheet HTML 4Page - Anpec Electronics Coropration APW7165C Datasheet HTML 5Page - Anpec Electronics Coropration APW7165C Datasheet HTML 6Page - Anpec Electronics Coropration APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Refer to the typical application circuit. These specifications apply over V
VCC = 12V, TA = -20°C to 70°C, unless otherwise
noted. Typical values are at T
A = 25°C.
APW7165C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS
VFB_UV
FB Under-Voltage Protection Trip Point
Percentage of VREF
45
50
55
%
VFB_OV
FB Over-Voltage Protection Trip Point
VFB rising
115
120
125
%
FB Over-Voltage Protection Hysteresis
-
5
-
%
VOCP_MAX
Built-in Maximum OCP Voltage
300
-
-
mV
IOCSET
OCSET Current Source
19.5
21.5
23.5
µA
SOFT-START
VDISABLE
Shutdown Threshold of VCOMP
-
-
0.6
V
TSS
Internal Soft-Start Interval
(Note 4)
-
1.7
-
ms
Note 4: Guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com