Electronic Components Datasheet Search
  English  ▼

X  

APW7165C Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7165C
Description  5V to 12V Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7165C Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7165C Datasheet HTML 1Page - Anpec Electronics Coropration APW7165C Datasheet HTML 2Page - Anpec Electronics Coropration APW7165C Datasheet HTML 3Page - Anpec Electronics Coropration APW7165C Datasheet HTML 4Page - Anpec Electronics Coropration APW7165C Datasheet HTML 5Page - Anpec Electronics Coropration APW7165C Datasheet HTML 6Page - Anpec Electronics Coropration APW7165C Datasheet HTML 7Page - Anpec Electronics Coropration APW7165C Datasheet HTML 8Page - Anpec Electronics Coropration APW7165C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
APW7165C
www.anpec.com.tw
5
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=12V, TA= 25
oC unless otherwise specified.
Enable
CH1: V
COMP, 1V/Div
CH2: V
OUT, 500mV/Div
CH3: V
PHASE, 10V/Div
Time: 500
µs/Div
V
PHASE
1
3
2
V
OUT
V
COMP
Shutdown
CH1: V
COMP, 1V/Div
CH2: V
OUT, 500mV/Div
CH3: V
PHASE, 10V/Div
Time: 1ms/Div
1
3
2
R
LOAD=10Ω
V
COMP
V
OUT
V
PHASE
Power On
Power Off
CH1: V
IN, 5V/Div
CH2: V
OUT, 500mV/Div
CH3: V
UGATE, 10V/Div
Time: 1ms/Div
1
3
2
V
IN
V
OUT
V
UGATE
CH1: V
IN, 5V/Div
CH2: V
OUT, 500mV/Div
CH3: V
UGATE, 10V/Div
Time: 200ms/Div
1
3
2
V
IN
V
OUT
V
UGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com