Electronic Components Datasheet Search
  English  ▼

X  

APW7199 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW7199 Datasheet HTML 10Page - Anpec Electronics Coropration APW7199 Datasheet HTML 11Page - Anpec Electronics Coropration APW7199 Datasheet HTML 12Page - Anpec Electronics Coropration APW7199 Datasheet HTML 13Page - Anpec Electronics Coropration APW7199 Datasheet HTML 14Page - Anpec Electronics Coropration APW7199 Datasheet HTML 15Page - Anpec Electronics Coropration APW7199 Datasheet HTML 16Page - Anpec Electronics Coropration APW7199 Datasheet HTML 17Page - Anpec Electronics Coropration APW7199 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
14
Function Description
Constant-On-Time PWM Controller with Input Feed-For-
ward
Pulse-Frequency Modulation (PFM)
Ultrasonic Mode
The constant-on-time control architecture is a pseudo-
fixed frequency with input voltage feed-forward. This ar-
chitecture relies on the output filter capacitor’s effective
series resistance (ESR) to act as a current-sense resis-
tor so the output ripple voltage provides the PWM ramp
signal. In PFM operation, the high-side switch on-time is
controlled by the on-time generator is determined solely
by a one-shot whose pulse width is inversely propor-
tional to the input voltage and directly proportional to the
output voltage. In PWM operation, the high-side switch
on-time is determined by a switching frequency control
circuit in the on-time generator block.
The switching frequency control circuit senses the switch-
ing frequency of the high-side switch and keeps regulat-
ing it at a constant frequency in PWM mode. The design
improves the frequency variation and is more outstand-
ing than a conventional constant-on-time controller, which
has large switching frequency variation over input voltage,
output current, and temperature. Both in PFM and PWM,
the on-time generator, which senses input voltage on
PHASE pin, provides very fast on-time response to input
line transients.
Another one-shot sets a minimum off-time (typical:
300ns). The on-time one-shot is triggered if the error com-
parator is high, the low-side switch current is below the
current-limit threshold, and the minimum off-time one-
shot has timed out.
In PFM mode, an automatic switchover to pulse-frequency
modulation (PFM) takes place at light loads. This
switchover is affected by a comparator that truncates the
low-side switch on-time at the inductor current zero
crossing. This mechanism causes the threshold between
PFM and PWM operation to coincide with the boundary
between continuous and discontinuous inductor-current
operation (also known as the critical conduction point).
The on-time of PFM is given by:
Where F
SW is the nominal switching frequency of the con-
verter in PWM mode.
The load current at handoff from PFM to PWM mode is
given by:
In this case, APW7199 operates in ultrasonic mode with
PFM when the load is zero. The ultrasonic mode is illus-
trated as below description.
The ultrasonic mode activates an unique PFM mode with
a minimum switching frequency of 20kHz. The minimum
frequency 20kHz of ultrasonic mode eliminates audio-
frequency interference in light load condition. It will transit
to unique PFM mode when output loading makes the
frequency bigger than ultrasonic frequency.
In ultrasonic mode, the controller automatically transits
to fixed-frequency PWM operation when the load reaches
the same critical conduction point (I
LOAD(PFM to PWM)).
When the controller detects that no switching has oc-
curred within about 40
µs (Typical), an ultrasonic pulse
will be occurred. The ultrasonic controller turns on the
low-side MOSFET firstly to reduce the output voltage. Af-
ter feedback voltage drops below the internal reference
voltage, the controller turns off the low-side MOSFET and
triggers a constant-on-time. When the constant-on-time
has expired, the controller turns on the low-side MOSFET
again until the inductor current is below the zero-cross-
ing threshold. The behavior is the same as PFM mode.
IN
OUT
SW
PFM
ON
V
V
F
1
T
×
=
−
IN
OUT
SW
OUT
IN
PFM
ON
OUT
IN
)
PFMtoPWM
(
LOAD
V
V
F
1
L
V
V
T
L
V
V
2
1
I
×
×
−
=
×
−
×
=
−
Power-On-Reset (POR)
A Power-On-Reset (POR) function is designed to prevent
wrong logic controls when the VCC voltage is low. The
POR function continually monitors the bias supply volt-
age on the VCC pin if at least one of the enable pins is set
high. When the rising VCC voltage reaches the rising
POR voltage threshold (4.2V, typical), the POR signal goes
high and the chip initiates soft-start operations. When
this voltage drops lower than 4.0V (typical), the POR dis-
ables the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com