Electronic Components Datasheet Search
  English  ▼

X  

APW7199 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW7199 Datasheet HTML 1Page - Anpec Electronics Coropration APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
3
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance -Junction to Ambient
(Note 2)
TDFN3x3-10
55
°C/W
Note 2:
θ
JA is measured with the component mounted on a high effective the thermal conductivity test board in free air. The exposed
pad of package is soldered directly on the PCB.
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
V
IN
Converter Input Voltage
3 ~ 25
V
VCC
VCC Supply Voltage
4.5 ~ 5.5
V
V
OUT
Converter Output Voltage
0.5 ~ 3.3
V
IOUT
Converter Output Current
0 ~ 25
A
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Note 3 : Refer to the typical application circuit.
Electrical Characteristics
Refer to the typical application circuits. These specifications apply over V
CC = 5V, and TA = -40 ~ 85°C, unless otherwise
specified. Typical values are at T
A = 25°C.
APW7199
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY CURRENT
IVCC-PWM
VCC Input Bias Current
UGATE and LGATE Open
-
400
500
µA
IVCC-PFM
VCC Input Bias Current
UGATE and LGATE Open
-
350
450
µA
IVCC_SHDN
VCC Shutdown Current
VEN/EXTREF = 0V
-
-
7
µA
REFERENCE VOLTAGE
VREF
Reference Voltage
-
0.5
-
V
Regulation Accuracy
TA = -40
oC ~ 85oC, I
OUT = 0 ~ 20A
-0.6
-
+0.6
%
Line and Load Regulation
0A < IOUT < 20A; 4V < VCC < 5.5V
-0.2
-
+0.2
%
IFB
FB Input Bias Current
VFB = 0.5V
-0.5
-
0.5
µA
PWM CONTROLLER
TON(MIN)
Minimum On Time of UGATE
Over-Temperature and VCC
-
100
-
ns
TOFF(MIN)
Minimum Off Time of UGATE
Over-Temperature and VCC
-
300
-
ns
TSS
Internal Soft-Start Time
1
1.5
2
ms
VOUT Pin Input Impedance
-
130
-
k
Ω
VOUT Discharge Resistance
-
20
32
Ω
Zero Crossing Voltage
Threshold
-3
0
+3
mV
PWM to PFM Debounce Time
-
20
-
µs
PFM to PWM Debounce Time
-
20
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com