Electronic Components Datasheet Search
  English  ▼

X  

APW7199 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW7199 Datasheet HTML 1Page - Anpec Electronics Coropration APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
2
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Pin Configuration
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND )
-0.3 ~ 32
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
All Other Pins (FB, VOUT, POK, and EN/EXTREF to GND)
-0.3 ~ VCC+0.3
V
UGATE Voltage (UGATE to PHASE)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
LGATE/OCSET Voltage (LGATE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ VCC+0.3
-0.3 ~ VCC+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ 32
-1 ~ 25
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
= Thermal Pad (connected to GND plane for better heat dissipation)
TDFN3x3-10
(Top View)
PHASE 3
10 EN/EXTREF
BOOT 1
UGATE 2
LGATE/OCSET 5
9 POK
7 FB
8 VOUT
GND 4
6 VCC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Handling Code
Package Code
XXXXX - Date Code
Temperature Range
Assembly Material
Package Code
QB : TDFN3x3-10
Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW7199
APW7199 QB :
APW
7199
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com