Electronic Components Datasheet Search
  English  ▼

X  

APW7199 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW7199 Datasheet HTML 1Page - Anpec Electronics Coropration APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
5
APW7199
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PROTECTIONS (CONT.)
VUV
Under-Voltage Protection
Threshold
65
70
75
%
Under-Voltage Protection
Debounce Interval
-
2
-
µs
VOVR
Over-Voltage Protection Rising
Threshold
120
125
133
%
Over-Voltage Protection Falling
Threshold
100
105
110
%
Over-Voltage Protection
Debounce Interval
-
2
-
µs
TOTR
Over-Temperature Protection
Rising Threshold
(Note 4)
-
150
-
oC
Over-Temperature Protection
Hysteresis
(Note 4)
-
20
-
oC
Electrical Characteristics (Cont.)
Note4: Guaranteed by design.
Refer to the typical application circuits. These specifications apply over V
CC = 5V, and TA = -40 ~ 85°C, unless otherwise
specified. Typical values are at T
A = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com