Electronic Components Datasheet Search
  English  ▼

X  

APW8812 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW8812 Datasheet HTML 9Page - Anpec Electronics Coropration APW8812 Datasheet HTML 10Page - Anpec Electronics Coropration APW8812 Datasheet HTML 11Page - Anpec Electronics Coropration APW8812 Datasheet HTML 12Page - Anpec Electronics Coropration APW8812 Datasheet HTML 13Page - Anpec Electronics Coropration APW8812 Datasheet HTML 14Page - Anpec Electronics Coropration APW8812 Datasheet HTML 15Page - Anpec Electronics Coropration APW8812 Datasheet HTML 16Page - Anpec Electronics Coropration APW8812 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
13
Reference Voltages and Linear Regulator
(REF and LDO3/5)
The 2V reference, REF, is accurate to ±1% over-
temperature. Bypass to GND with a 0.1
µF (minimum)
capacitor. REF can source up to 50
µA for external loads.
However, avoid loading REF if extremely accurate speci-
fications for both the main output voltages and REF are
essential. In addition, REF voltage must be bigger than
its rising enable threshold, and then the LDO output starts
to rise up.
The LDO3 and LDO5 regulators can supply up to 100mA
for external loads. Bypass to GND with a minimum of
2.2
µF ceramic capacitor for stability. When ENLDO is
enabled, the V
LDO3 is fixed 3.33V and the VLDO5 is fixed 5V in
standby mode. When PWMx output voltage is over whose
bypass threshold(PWM1 is 4.7V and PWM2 is 3.15V), the
switchover between the internal LDOx and VOUTx is
workable. These actions change the current path to power
the loads from the PWMx regulateon voltage, rather than
from the internal linear regulator.
Function Description (Cont.)
Ultrasonic Mode (Cont.)
A Power-On-Reset (POR) function is designed to prevent
wrong logic controls. The POR function continually moni-
tors the supply voltage on the LDO5 pins. LDO5 POR
circuitry inhibits wrong switching. When the rising V
LDO5
voltage reaches the rising POR threshold (4.2V typ.), the
output voltages begin to ramp up. When the LDO5 volt-
age is lower than 4.1V(typ.) or LDO3 voltage is lower than
2.5V(typ.), both switch power supplies are shut off. This
is non-latch protection. LDO5 POR threshold could reset
the under-voltage, over-voltage.
Power-On-Reset
The APW8812 integrates digital soft-start circuit to ramp
up the PWMx output voltage of the converter to the pro-
grammed regulation set point at a predictable slew rate.
The slew rate of PWMx output voltage is internally con-
trolled to limit the inrush current through the output ca-
pacitors during soft-start process. When the ENILIMx pin
is pulled above the rising threshold voltage, the related
PWM initiates a soft-start process to ramp up the output
voltage. The soft-start interval is 1.7ms(typ.) and inde-
pendent of the UGATE switching frequency.
Digital Soft-Start
The APW8812 has two independent enable controls for
PWM and LDO. When the ENLDO pin is higher than 0.8V,
the REF, LDO3 and LDO5 are enabled to standby mode.
It means that the PWM1 and PWM2 are ready to enable at
this mode. When the ENPWM pin is high (ENILIMx=1) at
standby mode, the PWMx initiates a soft-start process to
ramp up the output voltage. The PWM1 and PWM2 are
controlled individually by ENILIM1 and ENILIM2. When
ENLDO, ENILIM1 and ENILIM2 are low, the chip is in its
low-power shutdown state. The APW8812 only consumes
20
µA of quiescent current while in shutdown. When the
ENLDO is higher than 2.4V and ENILIM1 is high
(ENILIM1=1), the clock signal becomes available from
VCLK pin. Both PWM outputs are discharged to 0V
through a 25
Ω switch and both LDO outputs are dis-
charged to 0V through a 40W switch in shutdown mode.
Driving ENILIM1 and ENILIM2 (logic AND) or ENLDO be-
low 0.4V clears the over-voltage, under-voltage and over-
temperature fault latches.
Enable Controls
The condition for the 270kHz clock signal to be used is
that the ENLDO is higher than 2.4V and ENILIM1 is high
(ENILIM1=1). When VOUT1 regulates at 5V and the clock
signal uses VOUT1 as its power supply, the charge pump
circuit can generate approximately 15V DC voltage. The
example of charge pump circuit is shown in typical appli-
cation circuit.
Charge Pump
controller turns off the low-side MOSFET and triggers a
constant-on-time. When the constant-on-time has
expired, the controller turns on the low-side MOSFET
again until the inductor current is below the zero-cross-
ing threshold. The behavior is the same with PFM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com