Electronic Components Datasheet Search
  English  ▼

X  

APW8812 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW8812 Datasheet HTML 2Page - Anpec Electronics Coropration APW8812 Datasheet HTML 3Page - Anpec Electronics Coropration APW8812 Datasheet HTML 4Page - Anpec Electronics Coropration APW8812 Datasheet HTML 5Page - Anpec Electronics Coropration APW8812 Datasheet HTML 6Page - Anpec Electronics Coropration APW8812 Datasheet HTML 7Page - Anpec Electronics Coropration APW8812 Datasheet HTML 8Page - Anpec Electronics Coropration APW8812 Datasheet HTML 9Page - Anpec Electronics Coropration APW8812 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
6
Electrical Characteristics (Cont.)
APW8812
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PWM 1/2 PROTECTIONS (CONT.)
Under-Voltage Protection Enable
Blanking Time
From EN signal go high to UVP
workable
-
2
2.6
ms
TJ Rising
-
160
-
Over-Temperature Protection THreshold
Hysteresis
-
25
-
oC
POWER GOOD
POK in from Lower (POK goes high)
87
90
93
POK in from higher (POK goes low)
120
125
130
POK Threshold
POK hysteresis
-
3
-
%
POK Propagation Delay
VFBX falling and rising
43
63
85
µs
POK Enable Delay
ENILMx goes high to POK goes High
-
2
-
ms
POK Sink Current
VPOK = 500mV
2.5
7.5
-
mA
POK Leakage Current
VPOK = 5V
-
0.1
1
µA
LOGIC LEVELS
Forced PWM Mode
-
-
1.5
V
Automatic PFG/PWM Mode
1.9
-
2.1
V
SKIP# Input Voltage
Auto Skip with Ultrasonic
2.7
-
-
V
200kHz/250kHz
-
-
1.5
V
245kHz/305kHz
1.9
-
2.1
V
300kHz/375kHz
2.7
-
3.6
V
TON Input Voltage
365kHz/460kHz
4.7
-
-
V
Enable
450
-
-
ENILIMx Input Voltage
Disable
-
-
400
mV
Shutdown
-
-
0.4
Enable, VCLK = off
0.8
-
1.6
EN LDO Input Voltage
Enable, VCLK = on
2.4
-
-
V
VSKIP# = VTON = 0V or 5V
-1
-
1
µA
Input Leakage Current
IEN LDO
0.5
1
3
µA
GATE DRIVERS
UG Pull-Up Resistance
VBOOTx – VUGATEx = 100mV
-
4
8
Ω
UG Sink Resistance
VUGATEx – VPHASEx = 100mV
-
1.5
4
Ω
LG Pull-Up Resistance
VLDO5 – VLGATEx = 100mV
-
4
8
Ω
LG Sink Resistance
VLGATEx – VPGND = 100mV
-
1.5
4
Ω
UG falling to LG rising
-
40
-
ns
Dead-Time
LG falling to UG rising
-
40
-
ns
VOUT1/2 Discharge On Resistance
-
40
80
Ω
Refer to the typical application circuits. These specifications apply over V
IN=12V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com