Electronic Components Datasheet Search
  English  ▼

X  

APW8812 Datasheet(PDF) 14 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 14 Page - Anpec Electronics Coropration

Back Button APW8812 Datasheet HTML 10Page - Anpec Electronics Coropration APW8812 Datasheet HTML 11Page - Anpec Electronics Coropration APW8812 Datasheet HTML 12Page - Anpec Electronics Coropration APW8812 Datasheet HTML 13Page - Anpec Electronics Coropration APW8812 Datasheet HTML 14Page - Anpec Electronics Coropration APW8812 Datasheet HTML 15Page - Anpec Electronics Coropration APW8812 Datasheet HTML 16Page - Anpec Electronics Coropration APW8812 Datasheet HTML 17Page - Anpec Electronics Coropration APW8812 Datasheet HTML 18Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
14
Under-Voltage Protection (PWMs)
In the process of operation, if a short-circuit occurs, the
output voltage will drop quickly. When load current is big-
Function Description (Cont.)
POK is actively held low in shutdown, standby, and soft-
start. In the soft-start process, the POK is an open-drain
output, and it is released with enable delay after the latest
ENILIMx goes high (about 2ms typ.). In normal operation,
the POK window is from 90% to its OVP threshold of the
converter reference voltage. Both of VOUT1 and VOUT2
have to stay within this window for POK to be high (AND
gated). In order to prevent false POK drop, capacitors need
to parallel at the output to confine the voltage deviation
with severe load step transient.
Power Good Indicator (PWMs)
Should the output voltage of V
OUT1 and VOUT2 increase over
25% of the setting voltage due to the high-side MOSFET
failure or for other reasons, the over-voltage protection
will active. As long as either of PWM channels triggers
over-voltage, both of PWM channels active over-voltage
protection. Over-voltage protection will force the low-side
MOSFET gate driver fully turn on. This action actively pulls
down the output voltage. When the OVP occurs, the POK
pin will pull down and latch-off the converter. This OVP
scheme only clamps the voltage overshoot, and does not
invert the output voltage when otherwise activated with a
continuously high output from low-side MOSFET driver.
It’s a common problem for OVP schemes with a latch.
Once an over-voltage fault condition is set, it can be reset
by toggling ENLDO or ENILIM1 and ENILIM2 (logic AND)
signal.
Over-Voltage Protection (OVP)
When the junction temperature increases above the ris-
ing threshold temperature 160°C, the IC will enter the
over-temperature protection (OTP). When the OTP occurs,
REF, LDO and PWM controllers circuitry shuts down. It is
non-latch protection.
Over-Temperature Protection
In the event of PWM under-voltage or shutdown, the chip
enables the soft-stop function. The soft-stop function dis-
charges the PWM output voltages to GND through an
internal 25
Ω switch. The reference remains active to pro-
vide an accurate threshold and to provide over-voltage
protection.
Soft-Stop (PWMs)
ENILIM1, ENILIM2 and ENLDO are enable signals for
PWM1, PWM2 and LDOs. In the single channel mode,
when ENILIM1 or ENILIM2 higher than 630mV, the PWM
controller enables the respective outputs, and when
ENILIM1 or ENILIM2 is lower than 600mV, it disables the
respective outputs. Also, ENILIM1 and ENILIM2 signal
timing will control PWM1 and PWM2 power-up sequence.
If ENILIMx pin is high (ENILIMx=1) while other channel is
starting up, its soft-start will be postponed until the other
channel reaches regulation. On the other hand, if both
ENILIM1 and ENILIM2 become high state at the same
time (within 60
µs), both channels ramp up at the same
time. About power off sequencing, both supplies begin
their power-down sequence immediately when the first
supply turns off.
Power Sequencing
ger than the value of current-limit threshold, the output
voltage will fall out of the required regulation range. The
under-voltage continually monitors the setting output volt-
age after soft-start is completed. If a load step is strong
enough to pull the output voltage lower than the under-
voltage threshold for at least 2
µs, the PWM controller starts
a soft-stop process to shut down the output gradually. As
long as either of PWM channels triggers under-voltage,
both of PWM channels active under-voltage protection
and latched off when the soft-stop process is completed.
The under-voltage threshold is 70% of the nominal out-
put voltage. Under-voltage protection is ignored for at least
2ms (typ.) after a rising edge on EN. Toggling ENLDO or
ENPWM signal will clear the latch and bring the chip back
to operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com