Electronic Components Datasheet Search
  English  ▼

X  

APW8812 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APW8812 Datasheet HTML 1Page - Anpec Electronics Coropration APW8812 Datasheet HTML 2Page - Anpec Electronics Coropration APW8812 Datasheet HTML 3Page - Anpec Electronics Coropration APW8812 Datasheet HTML 4Page - Anpec Electronics Coropration APW8812 Datasheet HTML 5Page - Anpec Electronics Coropration APW8812 Datasheet HTML 6Page - Anpec Electronics Coropration APW8812 Datasheet HTML 7Page - Anpec Electronics Coropration APW8812 Datasheet HTML 8Page - Anpec Electronics Coropration APW8812 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
4
Electrical Characteristics
APW8812
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
INPUT SUPPLY POWER
Supply current1, VOUT1 = VOUT2 =
0V, SKIP# = GND, EN LDO = open,
ENILIMx = 5V, VFB1 = VFB2 = 2.05V
-
0.55
1.3
mA
Supply current2, VOUT1 = 5V,
VOUT2 = 3.3V, SKIP# = GND,
EN LDO = open, ENILIMx = 5V,
VFB1 = VFB2 = 2.05V, PVIN+PLDO5
-
5
7
mW
Standby current, EN LDO=open,
EN PWM=0V
-
200
-
IVN
VIN Supply Current
Shutdown current, EN LDO= 0V,
ENILIMx = 0V
-
20
40
µA
UNDER-VOLTAGE LOCK OUT PROTECTION (UVLO)
Rising Edge
4.1
4.2
4.3
V
LDO5 UVLO threshold
Hysteresis
-
0.1
-
V
LDO3 UVLO threshold
Shutdown
-
2.5
-
V
PWM CONTROLLERS
Output Voltage Adjust Ranve
VOUT1, VOUT2
2
-
5.5
V
VFB
FBx Reference Voltage
IREF = 0A, TA= -40
oC to 85 oC
1.98
2.0
2.02
V
IFB
FBx input current
VFBX = 2.0V, TA = 25
oC
-20
-
20
nA
SKIP# = LDO5, IOUT = 0A to 5A
-
-1.7
-
%
SKIP# = REF, IOUT = 0A to 5A
-
-1.5
-
%
PWM 1/2 Load Regulation
SKIP# = GND, IOUT = 0A to 5A
-
-0.1
-
%
PWM1/2 Line Regulation
VIN = 6V to 25V
-
0.005
-
%/V
Soft-Start Ramp Time
ENPWM High to VOUT Full Regulation
-
1.7
-
ms
TON11
PWM1 On Time seting1
TON = GND, SKIP# = GND,
VIN = 12V, PWM1 = 5V
-
2080
-
TON12
PWM1 On Time seting2
TON = REF, SKIP# = GND, VIN=12V,
PWM1=5V
-
1700
-
TON13
PWM1 On Time seting3
TON = LDO3, SKIP# = GND,
VIN = 12V, PWM1 = 5V
-
1390
-
TON14
PWM1 On Time seting4
TON = LDO5, SKIP# = GND,
VIN=12V, PWM1=5V
-
1140
-
TON21
PWM2 On Time seting1
TON = GND, SKIP# = GND, VIN=12V,
PWM2 = 3.3V
-
1100
-
TON22
PWM2 On Time seting2
TON = REF, SKIP# = GND, VIN=12V,
PWM2 = 3.3V
-
900
-
TON23
PWM2 On Time seting3
TON = LDO3, SKIP# = GND,
VIN = 12V, PWM2 = 3.3V
-
730
-
TON24
PWM2 On Time seting4
TON = LDO5, SKIP# = GND,
VIN = 12V, PWM2 = 3.3V
-
600
-
ns
UGATEx Minimum Off-Time
350
450
550
ns
Refer to the typical application circuits. These specifications apply over V
IN=12V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com