Electronic Components Datasheet Search
  English  ▼

X  

APW8812 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APW8812
Description  System Power PWM Controller for Notebook Computers with Charge Pump
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8812 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APW8812 Datasheet HTML 1Page - Anpec Electronics Coropration APW8812 Datasheet HTML 2Page - Anpec Electronics Coropration APW8812 Datasheet HTML 3Page - Anpec Electronics Coropration APW8812 Datasheet HTML 4Page - Anpec Electronics Coropration APW8812 Datasheet HTML 5Page - Anpec Electronics Coropration APW8812 Datasheet HTML 6Page - Anpec Electronics Coropration APW8812 Datasheet HTML 7Page - Anpec Electronics Coropration APW8812 Datasheet HTML 8Page - Anpec Electronics Coropration APW8812 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Sep., 2012
APW8812
www.anpec.com.tw
2
General Description (Cont.)
• Notebook and Sub-Notebook Computers
• Portable Devices
• DDR1, DDR2, and DDR3 Power Supplies
• 3-Cell and 4-Cell Li+ Battery-Powered Devices
• Graphic Cards
• Game Consoles
• Telecommunications
Applications
Pin Configuration
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
noise in audio applications.
The APW8812 is equipped with accurate sourcing and
current-limit, output under-voltage output over-voltage
protections, being perfect for NB applications. A 1.7ms
(typ.) digital soft-start can reduce the start-up current. A
soft-stop function actively discharges the output capaci-
tors by the discharge device. The APW8812 has individual
enable controls for each PWM channels and LDOs. Pull-
ing both ENILIM1/2 pin and ENLDO pin low shuts down
the whole chip with low quiescent current close to zero.
The APW8812 is available in a TQFN4x4-24A package.
= Thermal Pad (connected to GND plane for
better heat dissipation)
Bottom View
VCLK
LDO5
VIN
PGND
SKIP#
EN LDO
Thermal Pad
TQFN4x4-24A
Top View
4
3
2
1
6
5
15
16
17
18
13
14
ENILIM1
FB1
REF
TON
FB2
ENILIM2
Package Code
QB : TQFN4x4-24A
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APW8812 QB:
XXXXX - Date Code
APW8812
Handling Code
Temperature Range
Package Code
Assembly Material
APW8812
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com