Electronic Components Datasheet Search
  English  ▼

X  

AIC1570CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1570CS
Description  5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1570CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1570CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AIC1570
3
ELECTRICAL CHARACTERISTICS (V
cc=12V, TJ=25°
°°°C, Unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC SUPPLY CURRENT
Supply Current
UGATE, LGATE, GATE3 and
VOUT2 open
I
CC
1.8
5
mA
POWER ON RESET
Rising VCC Threshold
V
OCSET=4.5V
VCC
THR
8.6
9.5
10.4
V
Falling VCC Threshold
V
OCSET=4.5V
VCC
THF
8.2
9.2
10.2
V
Rising VIN2 Under-Voltage
Threshold
VIN2
THR
2.5
2.6
2.7
V
VIN2 Under-Voltage
Hysteresis
VIN2
HYS
130
mV
Rising V
OCSET1 Threshold
V
OCSETH
1.3
V
OSCILLATOR
Free Running Frequency
RT=Open
F
170
200
230
KHz
Ramp. Amplitude
RT=open
∆V
OSC
1.3
V
P-P
REFERENCE AND DAC
DAC (VID0~VID4) Input Low
Voltage
VID
L
0.8
V
DAC (VID0~VID4) Input
High Voltage
VID
H
2
V
DACOUT Voltage Accuracy
VDAC=1.8V~3.5V
-1.0
+1.0
%
FB2 Reference Voltage
V
REF2
1.240
1.265
1.290
V
FB3 Reference Voltage
V
REF3
1.250
1.275
1.300
V
LINEAR REGULATOR
Regulation
10mA<I
OUT2<150mA
-1
+1
%
Under-Voltage Level
FB2 falling
FB2
UV
70
82
%
Over-Current Protection
430
570
mA
Over-Current Protection
During Start-up
750
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com