Electronic Components Datasheet Search
  English  ▼

X  

AIC1570CS Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1570CS
Description  5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1570CS Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1570CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 12Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 13Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AIC1570
9
the other outputs are below their
under-voltage thresholds. The
PGOOD output is open for VID
codes that inhibit operation. See
Table 1.
Pin 8: FAULT: This pin is low during normal
operation, but it is pulled to VCC
in the event of an over-voltage or
over-current condition.
Pin 9: SS:
Soft-start
pin.
Connect
a
capacitor from this pin to ground.
This capacitor, along with an
internal 10
µA (typically) current
source,
sets
the
soft-start
interval of the converter.
Pulling this pin low will shut
down the IC.
Pin 10: RT:
Frequency
adjustment
pin.
Connecting a resistor (RT) from
this pin to GND, increasing the
frequency. Connecting a resistor
(RT) from this pin to VCC,
decreasing the frequency by the
following figure (Fig.3).
Pin 11: FB2:
Connect this pin to a resistor
divider to set the linear regulator
output voltage.
Pin 12: VIN2:
This pin supplies power to the
internal regulator. Connect this
pin to a suitable 3.3V source.
Additionally, this pin is used to
monitor the 3.3V supply. If,
following a start-up cycle, the
voltage
drops
below
2.6V
(typically), the chip shuts down.
A new soft-start cycle is initiated
upon return of the 3.3V supply
above
the
under-voltage
threshold.
Pin 13: VOUT2: Output of the linear regulator.
Supplies current up to 500mA.
Pin 14: GND:
Signal GND for IC. All voltage
levels are measured with respect
to this pin.
Pin 15: GATE3: Linear Controller output drive pin.
This pin can drive either a
Darlington NPN transistor or a
N-channel MOSFET.
Pin 16: FB3:
Negative feedback pin for the
linear controller error amplifier
connect this pin to a resistor
divider to set the linear controller
output voltage.
Pin 17: COMP1: External compensation pin. This
pin
is
connected
to
error
amplifier
output
and
PWM
comparator. An RC network is
connected
to
FB1
in
to
compensate the voltage control
feedback loop of the converter.
Pin 18: FB1:
The error amplifier inverting
input pin. the FB1 pin and
COMP1
pin
are
used
to
compensate the voltage-control
feedback loop.
Pin 19: VSEN:
Converter output voltage sense
pin. Connect this pin to the
converter output. The PGOOD
and OVP comparator circuits
use this signal to report output
voltage status and for over-
voltage protection function.
Pin 20: OCSET: Current limit sense pin. Connect
a resistor R
OCSET from this pin to
the drain of the external high-
side N-MOSFET. R
OCSET,
an
internal 200
µA current source
(I
OCSET),
and
the
upper
N-
MOSFET on-resistance (R
DS(ON))
set the over-current trip point
according
to
the
following
equation:
I
IR
R
PEAK
OCSET
OCSET
DS(ON)
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com