Electronic Components Datasheet Search
  English  ▼

X  

AIC1570CS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1570CS
Description  5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1570CS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1570CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 10Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 11Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AIC1570
8
BLOCK DIAGRAM
5 BIT TTL D/A
CONVERTER
(DAC)
+
+
+
+
+
+
SS
110%
90%
115%
0.3V
1.26V
70K
FB3
VIN2
GATE3
FAULT
FB2
VOUT2
VID4
VID3
VID2
VID1
VID0
SOFT
START
10
µA
4V
70K
70K
70K
70K
5V
FB1
COMP1
RT
OCSET
PHASE
GND
PGND
LGATE
UGATE
200
µA
GATE CONTROL
VCC
PGOOD
VCC
VCC
OSCILLATOR
PWM COMP
OV
OC1
VSEN
ERROR
AMP
LUV
OC2
INHiBIT
VCC
OCSET
VIN2
POWER
ON RESET
0.5A
OFF
VCC
FAULT
LOGIC &
LATCH
+
+
-
+
+
+
-
PIN DESCRIPTIONS
Pin 1: VCC:
The chip power supply pin. It
also provides the gate bias
charge for all the MOSFETs
controlled
by
the
IC.
Recommended supply voltage is
12V.
Pin 2: VID4:
Pin 3: VID3:
Pin 4: VID2:
Pin 5: VID1:
Pin 6: VID0:
5bit DAC voltage select pin. TTL
inputs used to set the internal
voltage reference VDAC. When
left
open,
these
pins
are
internally pulled up to 5V and
provide logic ones. The level of
VDAC sets the converter output
voltage as well as the PGOOD
and OVP thresholds.
Table 1 specifies the VDAC
voltage for the 32 combinations
of DAC inputs.
Pin 7: PGOOD: Power
good
indicator
pin.
PGOOD is an open drain output.
This pin is pulled low when the
converter output is ±10% out of
the VDAC reference voltage and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com