Electronic Components Datasheet Search
  English  ▼

X  

APL3218 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3218
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3218 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3218 Datasheet HTML 1Page - Anpec Electronics Coropration APL3218 Datasheet HTML 2Page - Anpec Electronics Coropration APL3218 Datasheet HTML 3Page - Anpec Electronics Coropration APL3218 Datasheet HTML 4Page - Anpec Electronics Coropration APL3218 Datasheet HTML 5Page - Anpec Electronics Coropration APL3218 Datasheet HTML 6Page - Anpec Electronics Coropration APL3218 Datasheet HTML 7Page - Anpec Electronics Coropration APL3218 Datasheet HTML 8Page - Anpec Electronics Coropration APL3218 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2012
APL3218
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC
• Provide OUT Pin 5V Voltage Clamping Protection
• Thermal Charging Regulation Protection
• Provide Input Over-voltage Protection
• Provide Input Over-current Protection
• Provide Over Temperature Protection
• Provide Reverse Current Blocking
• High Immunity of False Triggering
• High Accuracy Protection Threshold
• Low On Resistance 0.75Ω Typ.
• Compact TDFN2x2-8 and DFN3x3-8 Packages
• Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
• Cell Phones
General Description
Simplified Application Circuit
The APL3218 provides complete Li+ charger protection
against Input over-voltage, input over-current and over-
temperature. When any of the monitored parameters is
over the threshold, the IC turns off the charging current.
All protections also have deglitch time against false trig-
gering due to voltage spikes or current transients.
The APL3218 integrates a 5.5V LDO to prevent ACIN over-
shoot reaching CHR_LDO and OUT. When any transient
peak voltage above 5.5V presenting in ACIN pin, but be-
low OVP threshold, the internal LDO will clamp its output
at 5.5V. When ACIN voltage exceeds OVP threshold, the
device will turn off charging current. The charging current
is controlled by the GATDRV pin. When sourcing a cur-
rent from the GATDRV pin, the OUT pin delivers the charg-
ing current which is 200-fold magnified in amplitude
based on GATDRV’s current.
Other features include accurate V
VCDT/VACIN Voltage divider,
reverse current blocking from OUT to ACIN and OTP
protection. The APL3218 provides complete Li+ charger
protections, and saves the external MOSFET and Schottky
diode for the charger of cell phone’s PMIC. The above
features and small package make the APL3218 an ideal
part for cell phones applications.
Pin Configuration
ACIN 1
ACIN 2
VCDT 4
5 GATDRV
GND 3
8 OUT
7 OUT
6 CHR_LDO
TDFN2x2-8
(Top View)
= Exposed Pad (connected to ground
plane for better heat dissipation)
ACIN
GND
APL3218
PMIC
CHR_LDO
VCDT
GATDRV
OUT
5V
Adapter
VCDT
GATDRV
CHR_LDO
ISENS
VBAT
Li+
Battery
DFN3x3-8
(Top View)
ACIN 1
GND 3
8 OUT
ACIN 2
VCDT 4
7 OUT
5 GATDRV
6 CHR_LDO


Similar Part No. - APL3218

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3212A ANPEC-APL3212A Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212AQBI-TRG ANPEC-APL3212AQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212BQBI-TRG ANPEC-APL3212BQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3212CQBI-TRG ANPEC-APL3212CQBI-TRG Datasheet
649Kb / 20P
Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
Li Charger Protection IC
More results

Similar Description - APL3218

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
Li Charger Protection IC
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com