Electronic Components Datasheet Search
  English  ▼

X  

APL3218 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL3218
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3218 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL3218 Datasheet HTML 1Page - Anpec Electronics Coropration APL3218 Datasheet HTML 2Page - Anpec Electronics Coropration APL3218 Datasheet HTML 3Page - Anpec Electronics Coropration APL3218 Datasheet HTML 4Page - Anpec Electronics Coropration APL3218 Datasheet HTML 5Page - Anpec Electronics Coropration APL3218 Datasheet HTML 6Page - Anpec Electronics Coropration APL3218 Datasheet HTML 7Page - Anpec Electronics Coropration APL3218 Datasheet HTML 8Page - Anpec Electronics Coropration APL3218 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2012
APL3218
www.anpec.com.tw
2
Ordering and Marking Information
Absolute Maximum Ratings (Note1)
Symbol
Parameter
Rating
Unit
VACIN
ACIN Input Voltage (ACIN to GND)
-0.3 ~ 20
V
VCHR_LDO
CHR_LDO to GND Voltage
-0.3 ~ 7
V
VGATDRV
GATDRV to GND Voltage
-0.3 ~ VCHR_LDO
V
VCDT
VCDT to GND Voltage
-0.3 ~ 7
V
VOUT
OUT to GND Voltage
-0.3 ~ 7
V
IOUT
Output Current (OUT to GND)
1.5
A
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature (10 Seconds)
260
oC
Symbol
Parameter
Typical Value
Unit
θ
JA
TDFN2x2-8 Junction-to-Ambient Resistance in free air
(Note 2)
75
oC/W
θ
JA
DFN3x3-8 Junction-to-Ambient Resistance in free air
(Note 2)
65
oC/W
Thermal Characteristic
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed
pad of TDFN2x2-8 is soldered directly on the PCB.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1:Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under ”recom-
mended operating conditions”is not implied. Exposure to absolute maximum rating conditions for extended periods may affect vice
reliability.
APL3218
Package Code
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
Handling Code
Temperature Range
Package Code
X - Date Code
G : Halogen and Lead Free Device
Assembly Material
QB : TDFN2x2-8
APL3218 QB:
L18
X
QA : DFN3x3-8
X - Date Code
APL3218 QA:
APL
3218
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com