Electronic Components Datasheet Search
  English  ▼

X  

APL3218 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL3218
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3218 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL3218 Datasheet HTML 1Page - Anpec Electronics Coropration APL3218 Datasheet HTML 2Page - Anpec Electronics Coropration APL3218 Datasheet HTML 3Page - Anpec Electronics Coropration APL3218 Datasheet HTML 4Page - Anpec Electronics Coropration APL3218 Datasheet HTML 5Page - Anpec Electronics Coropration APL3218 Datasheet HTML 6Page - Anpec Electronics Coropration APL3218 Datasheet HTML 7Page - Anpec Electronics Coropration APL3218 Datasheet HTML 8Page - Anpec Electronics Coropration APL3218 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2012
APL3218
www.anpec.com.tw
3
Symbol
Parameter
Range
Unit
VACIN
ACIN Input Voltage
4.5 ~ 9
V
IOUT
Output Current
0 ~ 0.7
A
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
CCHR_LDO
CHR_LDO Output Capacitor
1
µF
Recommended Operating Conditions (Note3)
Note 3: Refer to the typical application circuit
Unless otherwise specified, these specifications apply over V
ACIN=5V, TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
Electrical Characteristics
APL3218
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ACIN INPUT CURRENT and POWER-ON-RESET (POR)
IACIN
ACIN Supply Current
IOUT=0A, CHR_LDO and GATDRV open
-
350
600
µA
VPOR
ACIN POR Threshold
VACIN rising
2.4
2.6
2.8
V
ACIN POR Hysteresis
-
250
-
mV
TB(ACIN)
ACIN Power-On Blanking Time
-
8
-
ms
INTERNAL SWITCH ON RESISTANCE
ACIN to OUT On Resistance
IOUT = 0.7A
-
0.75
-
Ω
CHR_LDO Discharge
Resistnace
VACIN = 12V , VCHR_LDO = 2V
-
500
-
Ω
INPUT OVER-VOLTAGE PROTECTION (OVP)
VREG
Internal LDO Output Voltage
VACIN = 7V, IOUT = 10mA, TJ = -40 ~ 125
oC
5.225
5.5
5.775
V
CHR_LDO Output Series
Resistance
2.4
3
3.6
k
Ω
VOVP
Input OVP Threshold
VACIN rising, TJ = -40 ~ 125
oC
9.5
10
10.5
V
Input OVP Hysteresis
-
200
-
mV
TOVP
Input OVP Propagation Delay
-
-
1
µs
TON(OVP)
Input OVP recovery time
-
1
-
ms
OVER-CURRENT PROTECTION (OCP)
IOC
Over-Current Trip Threshold
TJ = 25
oC
1.05
1.5
1.95
A
ICL
Current Limit Level
TJ = 25
oC
0.84
1.2
1.56
A
VCDT INTERNAL DIVIDER
Divider Ratio
VVCDT/VACIN
0.1035
0.1056
0.1078
V/V
CHARGE CURRENT CONTROL
Current Mirror Gain
IOUT = 0.6A, IOUT/IGATDRV
100
200
300
A/A
REVERSE CURRENT BLOCKING
PMOS Lockout Threshold
-
20
-
mV
PMOS Lockout Release
Threshold
-
100
-
mV
OUT Input Current (Reverse
Current Blocking)
VACIN = 0V, VOUT = 4.2V, VGATDRV=0V
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com