Electronic Components Datasheet Search
  English  ▼

X  

APL3218 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL3218
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3218 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL3218 Datasheet HTML 1Page - Anpec Electronics Coropration APL3218 Datasheet HTML 2Page - Anpec Electronics Coropration APL3218 Datasheet HTML 3Page - Anpec Electronics Coropration APL3218 Datasheet HTML 4Page - Anpec Electronics Coropration APL3218 Datasheet HTML 5Page - Anpec Electronics Coropration APL3218 Datasheet HTML 6Page - Anpec Electronics Coropration APL3218 Datasheet HTML 7Page - Anpec Electronics Coropration APL3218 Datasheet HTML 8Page - Anpec Electronics Coropration APL3218 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2012
APL3218
www.anpec.com.tw
5
Typical Operating Characteristics
ACIN Supply Current vs. ACIN Input
Voltage
ACIN Supply Current vs. Junction
Temperature
Over Current Trip Threshold vs.
Junction Temperature
Current Limit Level vs. Junction
Temperature
ACIN POR Threshold vs. Junction
Temperature
Input OVP Threshold vs. Junction
Temperature
9.5
9.6
9.7
9.8
9.9
10.0
10.1
10.2
10.3
10.4
10.5
VACIN Rising
VACIN Falling
-50
-25
0
25
50
75
100
125
oC)
Junction Temperature (
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
125
VACIN =5V
0
100
200
300
400
500
600
ACIN Input Voltage (V)
0
1
2
3
4
5
6
7
8
9
TJ=25oC
Junction Temperature (
oC)
200
250
300
350
400
450
500
550
600
-50
-25
0
25
50
75
100
125
VACIN =5V
VACIN =5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
oC)
Junction Temperature (
-50
-25
0
25
50
75
100
125
VACIN Rising
VACIN Falling
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-50
-25
0
25
50
75
100
125
oC)
Junction Temperature (



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com