Electronic Components Datasheet Search
  English  ▼

X  

APL3218 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3218
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3218 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3218 Datasheet HTML 1Page - Anpec Electronics Coropration APL3218 Datasheet HTML 2Page - Anpec Electronics Coropration APL3218 Datasheet HTML 3Page - Anpec Electronics Coropration APL3218 Datasheet HTML 4Page - Anpec Electronics Coropration APL3218 Datasheet HTML 5Page - Anpec Electronics Coropration APL3218 Datasheet HTML 6Page - Anpec Electronics Coropration APL3218 Datasheet HTML 7Page - Anpec Electronics Coropration APL3218 Datasheet HTML 8Page - Anpec Electronics Coropration APL3218 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Apr., 2012
APL3218
www.anpec.com.tw
4
Unless otherwise specified, these specifications apply over V
ACIN=5V, TA= -40 ~ 85
oC. Typical values are at T
A=25
oC.
Electrical Characteristics (Cont.)
APL3218
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OUT OVERSHOOT CLAMP
VCLAMP
Overshoot Clamp Rising
Threshold
VOUT rising slew rate > 0.2V/
µs
4.6
-
5.2
V
Overshoot Clamp Pull Low
Resistance
VOUT rising slew rate > 0.2V/
µs
-
3
-
Ω
Overshoot Clamp Active Time
From Overshoot Clamp Threshold being
surpassed
-
150
-
µs
THERMAL SHUTDOWN PROTECTION
TOTP
Thermal Shutdown Threshold
TJ rising
-
160
-
oC
Thermal Shutdown Hysteresis
-
40
-
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com