Electronic Components Datasheet Search
  English  ▼

X  

AIC1660CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1660CS
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1660CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1660CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC1660
2
n ORDERING INFORMATION
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
ORDER NUMBER
PIN CONFIGURATION
AIC1660CN
(PLASTIC DIP)
AIC1660CS
(PLASTIC SO)
TOP VIEW
1
3
4
2
8
6
5
7
LV
VIN
CAP+
GND
CAP-
OSC
VOUT
BOOST
AIC1660 CX
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage .............……………… ............…………………… ....................................................... 6.0V
Input Voltage on Pin 1, 6 and 7 ...…………… ..........................………………… ............. -0.3V ~V
IN + 0.3V
Operating Temperature Range ........………… ................……………… .…… .......…… ........... -40
°C~+85°C
Storage Temperature Range..........………… ...................…………………… ........................
-65
°C~150°C
n TEST CIRCUIT
RL
IL
+
VOUT
Oscillator
External
COSC
AIC1660
VIN
OSC
LV
VOUT
CAP-
GND
8
7
6
5
CAP+
BOOST
1
4
3
2
+
IS
10µF
VIN
C2
10µF
C1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com