Electronic Components Datasheet Search
  English  ▼

X  

AIC1660CS Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1660CS
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1660CS Datasheet(HTML) 6 Page - Analog Intergrations Corporation

  AIC1660CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC1660
6
n APPLICATION EXAMPLES
10µF
C1
VOUT =-VIN
VIN (1.5V to 6V)
Required for
VIN
≤3V
1
8
AIC1660
7
6
5
4
3
2
+
+
10
µF
C2
Fig. 8
Negative Voltage Converter
Fig. 8 shows a typical connection, which will
provide a negative supply from an available
positive supply without the need of any external
diodes. The LV pin should be connect to ground
for VIN≤3V, or may be “floated“ for VIN>3V
(3V to 12V)
IOUT
C1
220Ω
R1
1N4148
1
8
7
5
4
3
2
470K
+
C2
+
AIC1660
R2
6
10µF
VOUT=2VIN
VIN (1.5V to 6V)
10µF
Fig. 9
Voltage Doubling
Fig. 9 shows a method of voltage doubling.
Voltage
doubling
is
achieved
by
simply
rearranging the connection of the two external
capacitors.
An
external
470K
Ω resistor is
required to ensure the oscillator will start.
VOUT =VIN/2 ± 0.002%
TMIN≤TA≤TMAX
IL<100nA
(3 to 12V)
C2
+
C1
+
1
7
6
5
4
3
2
AIC1660
8
10µF
VIN
Required for VIN≤3V
10 µF
Fig. 10
Ultra Precision Voltage Divider
An ultra precision voltage divider is shown in Fig.
10. To achieve the 0.002% accuracy as indicated,
the load current should be kept below 100nA.
However, with a slight loss in accuracy, the load
current can be increased.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com