Electronic Components Datasheet Search
  English  ▼

X  

AIC1660CS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1660CS
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1660CS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1660CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AIC1660
3
n ELECTRICAL CHARACTERISTICS (V
IN=5.0V, TA=25°C, OSC=free running,
unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Current
R
L = ∞
I
S
36
70
µA
Minimum Supply Voltage
R
L = ∞
V
INL
1.5
V
Maximum Supply Voltage
R
L = ∞
V
INH
6
V
Output Resistance
I
L =20mA,
F
OSC =10KHz
R
OUT
35
70
Ω
Oscillator Frequency
C
OSC=0
Pin 1 Floating or GND
Pin 1=V
IN
F
OSC
10
50
KHz
Power Efficiency
R
L= 5K, FOSC=10KHz
P
EFF
96
98
%
Voltage Conversion Efficiency
R
L = ∞
V
OUTEFF
98
99.9
%
n TYPICAL PERFORMANCE CHARACTERISTICS (T
A=25°C)
1
2
3
4
5
6
0
10
20
30
40
50
Supply Voltage (V)
Fig. 1 Supply Current vs. Supply Voltage
Load Current (mA)
Fig. 2 Power Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com