Electronic Components Datasheet Search
  English  ▼

X  

AIC1660CS Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1660CS
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1660CS Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1660CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AIC1660
4
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 3 Output Voltage vs. Load Current
-10
0
10
20
30
40
50
60
70
80
-2
-3
-4
-5
Load Current (mA)
0
2
4
6
8
10
12
14
16
-2
-1
0
1
2
Load Current (mA)
Fig. 4 Power Efficiency vs. Load Current (VIN=2V)
Fig. 5 Oscillator Frequency vs. Supply Voltage
Supply Voltage, VIN (V)
1
2
3
4
5
6
5
10
20
30
40
50
60
BOOST MODE
Fig. 6 Oscillator Frequency vs Value of COSC
External Capacitor (Pin 7 to GND), COSC (pF)
10
100
1000
10000
0
5
10
15
20
25
30
35
PIN 1=OPEN
PIN 1=VIN
Oscillation Frequency, FOSC (KHz)
0.1
1
10
100
0
100
200
300
400
450
Fig. 7
Output Resistance vs. Oscillation Frequency
C1=C2=100
µF
C1=C2=10µF
C1=C2=1µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com