Electronic Components Datasheet Search
  English  ▼

X  

AIC1660CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1660CS
Description  Switched-Capacitor Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1660CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1660CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1660CS Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC1660
Switched-Capacitor Voltage Converter
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1660T-P4
Oct. 4, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Lowest
Output
Impedance
(Typical
35
Ω at
VIN=5V).
l
Improved Direct Replacement for 7660.
l
1.5V to 6V Operation.
l
No External Diode Required.
l
Simple Conversion of +5V to -5V.
l
Low Quiescent Current (Typical 36
µA at V
IN=5V).
l
High Power Efficiency (Typical 98%)
l
Boost Pin for Higher Switching Frequency.
l
Improved SCR Latchup Protection.
n APPLICATIONS
l
RS-232 Power Supplies.
l
Handheld Instruments.
l
Data Acquisition Systems.
l
Supply Splitter, V
OUT= ±V
IN /2.
l
Operational Amplifier Supplies.
l
Panel Meter.
n TYPICAL APPLICATION CIRCUIT
10
µF
C1
VOUT=-VIN
VIN (1.5V to 6V)
Required for
VIN ≤3V
1
8
AIC1660
7
6
5
4
3
2
+
+
10µF
C2
Negative Voltage Converter
n DESCRIPTION
The AIC1660 is a monolithic CMOS switched
capacitor voltage converter. Designed to be an
improved direct replacement for the popular 7660
and LTC1044, the main function of the AIC1660 is
to convert a positive input voltage in the range of
1.5V to 6V to the corresponding negative output
voltage in the range of -1.5V to -6V. The input
voltage can also be doubled (VOUT = 2VIN ),
divided (VOUT = VIN /2 ), or multiplied (VOUT =
±nV
IN ), as shown in application examples.
The chip contains a series DC power supply
regulator, oscillator, control circuitry and four
output power MOS switches. The frequency of
oscillator can be lowered by the addition of an
external capacitor to the OSC pin, or the oscillator
may be over-driven by an external clock.
The boost function is available to raise the
oscillator frequency to optimize performance in
specific applications. The “LV” terminal may be
tied to GND to improve low input voltage (VIN
≤3V) operation, or be left floating for input voltage
larger than 3V to improve power dissipation.
The AIC1660 provides performance superior to
previous
designs
by
combining
low
output
impedance, low quiescent current with high
efficiency, and by eliminating diode drop voltage
losses. The only required external components
are two low cost electrolytic capacitors.


Similar Part No. - AIC1660CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
AIC1610COTR AIC-AIC1610COTR Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
AIC1610POTR AIC-AIC1610POTR Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
AIC1611COTR AIC-AIC1611COTR Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
AIC1611POTR AIC-AIC1611POTR Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1660CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com