Electronic Components Datasheet Search
  English  ▼

X  

ADV7282 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7282
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7282 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7282 Datasheet HTML 20Page - Analog Devices ADV7282 Datasheet HTML 21Page - Analog Devices ADV7282 Datasheet HTML 22Page - Analog Devices ADV7282 Datasheet HTML 23Page - Analog Devices ADV7282 Datasheet HTML 24Page - Analog Devices ADV7282 Datasheet HTML 25Page - Analog Devices ADV7282 Datasheet HTML 26Page - Analog Devices ADV7282 Datasheet HTML 27Page - Analog Devices ADV7282 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADV7282
Data Sheet
Rev. A | Page 24 of 32
I2C PORT DESCRIPTION
The ADV7282/ADV7282-M supports a 2-wire, I2C-compatible
serial interface. Two inputs, serial data (SDATA) and serial
clock (SCLK), carry information between the ADV7282/
ADV7282-M and the system I2C master controller. The I2C
port of the ADV7282/ADV7282-M allows the user to set up
and configure the decoder and to read back captured VBI data.
The ADV7282/ADV7282-M has a number of possible I2C slave
addresses and subaddresses (see the Register Maps section). The
main map of the ADV7282/ADV7282-M has four possible slave
addresses for read and write operations, depending on the logic
level of the ALSB pin (see Table 19).
Table 19. Main Map I2C Address for the ADV7282-M
ALSB Pin
R/W Bit
Slave Address
0
0
0x40 (write)
0
1
0x41 (read)
1
0
0x42 (write)
1
1
0x43 (read)
The ALSB pin controls Bit 1 of the slave address. By changing
the logic level of the ALSB pin, it is possible to control two
ADV7282/ADV7282-M devices in an application without using
the same I2C slave address. The LSB (Bit 0) specifies either a
read or write operation: Logic 1 corresponds to a read
operation, and Logic 0 corresponds to a write operation.
To control the device on the bus, a specific protocol is followed.
1. The master initiates a data transfer by establishing a start
condition, which is defined as a high to low transition on
SDATA while SCLK remains high, and indicates that an
address/data stream follows.
2. All peripherals respond to the start condition and shift
the next eight bits (the 7-bit address plus the R/W bit).
The bits are transferred from MSB to LSB.
3. The peripheral that recognizes the transmitted address
responds by pulling the data line low during the ninth
clock pulse; this is known as an acknowledge (ACK) bit.
4. All other devices withdraw from the bus and maintain an
idle condition. In the idle condition, the device monitors
the SDATA and SCLK lines for the start condition and the
correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on the
LSB of the first byte means that the master writes information
to the peripheral. Logic 1 on the LSB of the first byte means that
the master reads information from the peripheral.
The ADV7282/ADV7282-M acts as a standard I2C slave
device on the bus. The data on the SDATA pin is eight bits long,
supporting the 7-bit address plus the R/W bit. The device has
subaddresses to enable access to the internal registers; therefore,
it interprets the first byte as the device address and the second
byte as the starting subaddress. The subaddresses auto-
increment, allowing data to be written to or read from the
starting subaddress. A data transfer is always terminated by a
stop condition. The user can also access any unique subaddress
register individually without updating all the registers.
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. During a given SCLK high period, the user
should issue only one start condition, one stop condition, or a
single stop condition followed by a single start condition. If
an invalid subaddress is issued by the user, the ADV7282/
ADV7282-M does not issue an acknowledge and returns to
the idle condition.
If the highest subaddress is exceeded in auto-increment mode,
one of the following actions is taken:
•
In read mode, the register contents of the highest sub-
address continue to be output until the master device issues
a no acknowledge, which indicates the end of a read. A no
acknowledge condition occurs when the SDATA line is not
pulled low on the ninth pulse.
•
In write mode, the data for the invalid byte is not loaded into
a subaddress register. A no acknowledge is issued by the
ADV7282/ADV7282-M, and the part returns to the idle
condition.
SDATA
SCLK
START ADDR
ACK
ACK
DATA
ACK
STOP
SUBADDRESS
1–7
1–7
8
9
8
9
1–7
8
9
S
P
R/W
Figure 14. Bus Data Transfer
S
WRITE
SEQUENCE
SLAVE ADDR
A(S) SUBADDRESS A(S)
DATA
A(S)
DATA
A(S)
P
S
READ
SEQUENCE
SLAVE ADDR
SLAVE ADDR
A(S) SUBADDRESS A(S) S
A(S)
DATA
A(M)
DATA
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
LSB = 1
LSB = 0
Figure 15. Read and Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com