Electronic Components Datasheet Search
  English  ▼

X  

ADV7282 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7282
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7282 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7282 Datasheet HTML 23Page - Analog Devices ADV7282 Datasheet HTML 24Page - Analog Devices ADV7282 Datasheet HTML 25Page - Analog Devices ADV7282 Datasheet HTML 26Page - Analog Devices ADV7282 Datasheet HTML 27Page - Analog Devices ADV7282 Datasheet HTML 28Page - Analog Devices ADV7282 Datasheet HTML 29Page - Analog Devices ADV7282 Datasheet HTML 30Page - Analog Devices ADV7282 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADV7282
Rev. A | Page 27 of 32
PCB LAYOUT RECOMMENDATIONS
The ADV7282/ADV7282-M is a high precision, high speed,
mixed-signal device. To achieve maximum performance from
the part, it is important to use a well-designed PCB. This
section provides guidelines for designing a PCB for use with
the ADV7282/ADV7282-M.
ANALOG INTERFACE INPUTS
When routing the analog interface inputs on the PCB, keep
track lengths to a minimum. Use 75 Ω trace impedances when
possible; trace impedances other than 75 Ω increase the chance
of reflections.
POWER SUPPLY DECOUPLING
It is recommended that each power supply pin be decoupled with
100 nF and 10 nF capacitors. The basic principle is to place a
decoupling capacitor within approximately 0.5 cm of each power
pin. Avoid placing the decoupling capacitors on the opposite side
of the PCB from the ADV7282/ADV7282-M because doing so
introduces inductive vias in the path.
Place the decoupling capacitors between the power plane and
the power pin. Current should flow from the power plane to the
capacitor and then to the power pin. Do not apply the power
connection between the capacitor and the power pin. The best
approach is to place a via near, or beneath, the decoupling capaci-
tor pads down to the power plane (see Figure 17).
SUPPLY
GROUND
10nF
100nF
VIA TO SUPPLY
VIA TO GND
Figure 17. Recommended Power Supply Decoupling
It is especially important to maintain low noise and good
stability for the PVDD pin. Careful attention must be paid to
regulation, filtering, and decoupling. It is highly desirable to
provide separate regulated supplies for each circuit group
(AVDD, DVDD, DVDDIO, MVDD, and PVDD). Note that MVDD only
applies to the ADV7282-M model.
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during horizontal and vertical sync periods). This disparity can
result in a measurable change in the voltage supplied to the analog
supply regulator, which can, in turn, produce changes in the regu-
lated analog supply voltage. This problem can be mitigated by
regulating the analog supply, or at least the PVDD supply, from a
different, cleaner power source, for example, from a 12 V supply.
Using a single ground plane for the entire board is also recom-
mended. Experience has shown that the noise performance is
the same or better with a single ground plane. Using multiple
ground planes can be detrimental because each separate ground
plane is smaller, and long ground loops can result.
VREFN AND VREFP PINS
Place the circuit associated with the VREFN and VREFP pins
as close as possible to the ADV7282/ADV7282-M and on the
same side of the PCB as the part.
DIGITAL OUTPUTS
The ADV7282 digital outputs are: INTRQ, LLC, P0:P7. The
ADV7282-M digital outputs are: INTRQ, GPO0 to GPO2.
Minimize the trace length that the digital outputs must drive.
Longer traces have higher capacitance, requiring more current
and, in turn, causing more internal digital noise. Shorter traces
reduce the possibility of reflections.
Adding a 30 Ω to 50 Ω series resistor can suppress reflections,
reduce EMI, and reduce current spikes inside the ADV7282/
ADV7282-M. If series resistors are used, place them as close as
possible to the pins of the ADV7282/ADV7282-M. However, try
not to add vias or extra length to the output trace in an attempt
to place the resistors closer.
If possible, limit the capacitance that each digital output must drive
to less than 15 pF. This recommendation can be easily accom-
modated by keeping traces short and by connecting the outputs to
only one device. Loading the outputs with excessive capacitance
increases the current transients inside the ADV7282/ADV7282-M,
creating more digital noise on the power supplies.
EXPOSED METAL PAD
The ADV7282/ADV7282-M has an exposed metal pad on the
bottom of the package. This pad must be soldered to ground.
The exposed pad is used for proper heat dissipation, noise
suppression, and mechanical strength.
DIGITAL INPUTS
The digital inputs of the ADV7282/ADV7282-M are designed to
work with 1.8 V signals (3.3 V for DVDDIO) and are not tolerant of
5 V signals. Extra components are required if 5 V logic signals
must be applied to the decoder.
MIPI OUTPUTS (D0P, D0N, CLKP, CLKN)
ADV7282-M ONLY
It is recommended that the MIPI output traces be kept as short
as possible and on the same side of the PCB as the ADV7282-M
device. It is also recommended that a solid plane (preferably a
ground plane) be placed on the layer adjacent to the MIPI traces
to provide a solid reference plane.
MIPI transmission operates in both differential and single-
ended modes. During high speed transmission, the pair of
outputs operates in differential mode; in low power mode, the
pair operates as two independent single-ended traces. There-
fore, it is recommended that each output pair be routed as two
loosely coupled 50 Ω single-ended traces to reduce the risk of
crosstalk between the two traces in low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com