Electronic Components Datasheet Search
  English  ▼

X  

ADV7282 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7282
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs and Deinterlacer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7282 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7282 Datasheet HTML 24Page - Analog Devices ADV7282 Datasheet HTML 25Page - Analog Devices ADV7282 Datasheet HTML 26Page - Analog Devices ADV7282 Datasheet HTML 27Page - Analog Devices ADV7282 Datasheet HTML 28Page - Analog Devices ADV7282 Datasheet HTML 29Page - Analog Devices ADV7282 Datasheet HTML 30Page - Analog Devices ADV7282 Datasheet HTML 31Page - Analog Devices ADV7282 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADV7282
Data Sheet
Rev. A | Page 30 of 32
OUTLINE DIMENSIONS
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
*3.75
3.60 SQ
3.55
*COMPLIANT TO JEDEC STANDARDS MO-220-WHHD-5
WITH THE EXCEPTION OF THE EXPOSED PAD DIMENSION.
Figure 20. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-12)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADV7282WBCPZ
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7282WBCPZ-RL
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7282WBCPZ-M
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
ADV7282WBCPZ-M-RL
−40°C to +105°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-12
EVAL-ADV7282MEBZ
Evaluation Board for the ADV7282-M
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADV7282W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers should
review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in automotive
applications. Contact your local Analog Devices account representative for specific product ordering information and to obtain the specific
Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com