Electronic Components Datasheet Search
  English  ▼

X  

AD5663 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5663
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5663 Datasheet HTML 18Page - Analog Devices AD5663 Datasheet HTML 19Page - Analog Devices AD5663 Datasheet HTML 20Page - Analog Devices AD5663 Datasheet HTML 21Page - Analog Devices AD5663 Datasheet HTML 22Page - Analog Devices AD5663 Datasheet HTML 23Page - Analog Devices AD5663 Datasheet HTML 24Page - Analog Devices AD5663 Datasheet HTML 25Page - Analog Devices AD5663 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD5623R/AD5643R/AD5663R
Data Sheet
Rev. F | Page 22 of 32
POWER-ON RESET
The AD5623R/AD5643R/AD5663R contain a power-on reset
circuit that controls the output voltage during power-up. The
AD5623R/AD5643R/AD5663R DACs output power up to 0 V,
and the output remains there until a valid write sequence is
made to the DACs. This is useful in applications where it is
important to know the state of the output of the DACs while
they are in the process of powering up. Any events on LDAC or
CLR during power-on reset are ignored.
SOFTWARE RESET
The AD5623R/AD5643R/AD5663R contain a software reset
function. Command 101 is reserved for the software reset
function (see Table 8). The software reset command contains
two reset modes that are software-programmable by setting bit
DB0 in the control register. Table 10 shows how the state of the
bit corresponds to the mode of operation of the device. Table 12
shows the contents of the input shift register during the
software reset mode of operation.
Table 10. Software Reset Modes
DB0
Registers Reset to Zero
0
DAC register
Input register
1 (Power-on Reset)
DAC register
Input register
LDAC register
Power-down register
Internal reference setup register
POWER-DOWN MODES
The AD5623R/AD5643R/AD5663R contain four separate
modes of operation. Command 100 is reserved for the power-
down function (see Table 8). These modes are software-
programmable by setting Bit DB5 and Bit DB4 in the control
register. Table 11 shows how the state of the bits corresponds to
the mode of operation of the device. Any or all DACs (DAC B
and DAC A) can be powered down to the selected mode by
setting the corresponding two bits (Bit DB1 and Bit DB0) to 1.
By executing the same Command 100, any combination of DACs
can be powered up by setting Bit DB5 and Bit DB4 to normal
operation mode.
Again, to select which combination of DAC channels to power
up, set the corresponding bits (Bit DB1 and Bit DB0) to 1. See
Table 13 for contents of the input shift register during power-
down/power-up operation.
The DAC output powers up to the value in the input register
while LDAC is low. If LDAC is high, the DAC ouput powers up
to the value held in the DAC register before power-down.
Table 11. Modes of Operation
DB5
DB4
Operating Mode
0
0
Normal operation
Power-down modes
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
When both Bit DB1 and Bit DB2 are set to 0, the part works
normally, with its normal power consumption of 250 µA at 5 V.
However, for the three power-down modes, the supply current
falls to 480 nA at 5 V (200 nA at 3 V). Not only does the supply
current fall, but the output stage is also internally switched from
the output of the amplifier to a resistor network of known values.
This has the advantage that the output impedance of the part is
known while the part is in power-down mode. The outputs can
either be connected internally to GND through a 1 kΩ or 100 kΩ
resistor or left open-circuited (three-state) (see Figure 55).
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 55. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string,
and other associated linear circuitry are shut down when
power-down mode is activated. However, the contents of the
DAC register are unaffected when in power-down. The time
to exit power-down is typically 4 µs for both VDD = 5 V and
VDD = 3 V (see Figure 37).
Table 12. 24-Bit Input Shift Register Contents for Software Reset Command
MSB
LSB
DB23 to DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0
x
1
0
1
x
x
x
x
1/0
Don’t care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Determines software reset mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com