Electronic Components Datasheet Search
  English  ▼

X  

AD5663 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5663
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5663 Datasheet HTML 24Page - Analog Devices AD5663 Datasheet HTML 25Page - Analog Devices AD5663 Datasheet HTML 26Page - Analog Devices AD5663 Datasheet HTML 27Page - Analog Devices AD5663 Datasheet HTML 28Page - Analog Devices AD5663 Datasheet HTML 29Page - Analog Devices AD5663 Datasheet HTML 30Page - Analog Devices AD5663 Datasheet HTML 31Page - Analog Devices AD5663 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet
AD5623R/AD5643R/AD5663R
Rev. F | Page 29 of 32
ORDERING GUIDE
Model1
Temperature Range
Accuracy
Internal
Reference
Package Description
Package
Option
Branding
AD5623RBCPZ-3R2
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D85
AD5623RBCPZ-3REEL7
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D85
AD5623RBCPZ-5REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead LFCSP_WD
CP-10-9
D86
AD5623RBRMZ-3
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D85
AD5623RBRMZ-3REEL7
−40°C to +105°C
±1 LSB INL
1.25 V
10-Lead MSOP
RM-10
D85
AD5623RBRMZ-5
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D86
AD5623RBRMZ-5REEL7
−40°C to +105°C
±1 LSB INL
2.5 V
10-Lead MSOP
RM-10
D86
AD5623RACPZ-5REEL7
−40°C to +105°C
±2 LSB INL
2.5 V
10-Lead LFCSP_WD
CP-10-9
DKB
AD5623RARMZ-5REEL7
−40°C to +105°C
±2 LSB INL
2.5V
10-Lead MSOP
RM-10
DKP
AD5623RARMZ-5
−40°C to +105°C
±2 LSB INL
2.5V
10-Lead MSOP
RM-10
DKP
AD5643RBRMZ-3
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D81
AD5643RBRMZ-3REEL7
−40°C to +105°C
±4 LSB INL
1.25 V
10-Lead MSOP
RM-10
D81
AD5643RBRMZ-5
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7Q
AD5643RBRMZ-5REEL7
−40°C to +105°C
±4 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7Q
AD5663RBCPZ-3R2
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7S
AD5663RBCPZ-3REEL7
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead LFCSP_WD
CP-10-9
D7S
AD5663RBCPZ-5REEL7
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead LFCSP_WD
CP-10-9
D7H
AD5663RBRMZ-3
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7S
AD5663RBRMZ-3REEL7
−40°C to +105°C
±16 LSB INL
1.25 V
10-Lead MSOP
RM-10
D7S
AD5663RBRMZ-5
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7H
AD5663RBRMZ-5REEL7
−40°C to +105°C
±16 LSB INL
2.5 V
10-Lead MSOP
RM-10
D7H
EVAL-AD5663REBZ
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com