Electronic Components Datasheet Search
  English  ▼

X  

AD5663 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5663
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5663 Datasheet HTML 19Page - Analog Devices AD5663 Datasheet HTML 20Page - Analog Devices AD5663 Datasheet HTML 21Page - Analog Devices AD5663 Datasheet HTML 22Page - Analog Devices AD5663 Datasheet HTML 23Page - Analog Devices AD5663 Datasheet HTML 24Page - Analog Devices AD5663 Datasheet HTML 25Page - Analog Devices AD5663 Datasheet HTML 26Page - Analog Devices AD5663 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD5623R/AD5643R/AD5663R
Rev. F | Page 23 of 32
Table 13. 24-Bit Input Shift Register Contents of Power Up/Down Function
MSB
LSB
DB23 to
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
1
0
0
x
x
x
x
PD1
PD0
x
x
DAC B
DAC A
Don’t
care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Don’t
care
Power-down
mode
Don’t care
Power down/Power up
channel selection;
set bit to 1 to select
channel
Table 14. 24-Bit Input Shift Register Contents for LDAC Setup Command
MSB
LSB
DB23 to
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB2
DB1
DB0
x
1
1
0
x
x
x
x
DAC B
DAC A
Don’t care
Command bits (C2 to C0)
Address bits (A3 to A0)
Don’t care
Don’t care
Set DAC to 0 or 1 for required
mode of operation
LDAC FUNCTION
The AD5623R/AD5643R/AD5663R DACs have double-
buffered interfaces consisting of two banks of registers: input
registers and DAC registers. The input registers are connected
directly to the input shift register, and the digital code is
transferred to the relevant input register on completion of a
valid write sequence. The DAC registers contain the digital code
used by the resistor strings.
Access to the DAC registers is controlled by the LDAC pin.
When the LDAC pin is high, the DAC registers are latched and
the input registers can change state without affecting the
contents of the DAC registers. When LDAC is brought low,
however, the DAC registers become transparent and the
contents of the input registers are transferred to them. The
double-buffered interface is useful if the user requires
simultaneous updating of all DAC outputs. The user can write
to one of the input registers individually and then, by bringing
LDAC low when writing to the other DAC input register, all
outputs will update simultaneously.
These parts each contain an extra feature whereby a DAC
register is not updated unless its input register has been updated
since the last time LDAC was brought low. Normally, when LDAC
is brought low, the DAC registers are filled with the contents of
the input registers. In the case of the AD5623R/AD5643R/
AD5663R, the DAC register updates only if the input register
has changed since the last time the DAC register was updated,
thereby removing unnecessary digital crosstalk.
The outputs of all DACs can be simultaneously updated, using
the hardware LDAC pin.
Synchronous LDAC
The DAC registers are updated after new data is read in on the
falling edge of the 24th SCLK pulse. LDAC can be permanently
low or pulsed as shown in Figure 2.
Asynchronous LDAC
The outputs are not updated at the same time that the input
registers are written to. When LDAC goes low, the DAC
registers are updated with the contents of the input register.
The LDAC register gives the user full flexibility and control over
the hardware LDAC pin. This register allows the user to select
which combination of channels to simultaneously update when
the hardware LDAC pin is executed. Setting the LDAC bit
register to 0 for a DAC channel means that the update of this
channel is controlled by the LDAC pin. If this bit is set to 1, this
channel synchronously updates; that is, the DAC register is
updated after new data is read in, regardless of the state of the
LDAC pin. It effectively sees the LDAC pin as being pulled low.
See Table 15 for the LDAC register mode of operation. This
flexibility is useful in applications where the user wants to
simultaneously update select channels while the rest of the
channels are synchronously updating.
Writing to the DAC using Command 110 loads the 2-bit LDAC
register [DB1:DB0]. The default for each channel is 0; that is,
the LDAC pin works normally. Setting the bits to 1 means the
DAC register is updated, regardless of the state of the LDAC
pin. See Table 14 for contents of the input shift register during
the LDAC register setup command.
Table 15. LDAC Register Mode of Operation
LDAC Bits
(DB1 to DB0)
LDAC Pin
LDAC Operation
0
1/0
Determined by LDAC pin
1
x = don’t care
The DAC registers are updated
after new data is read in on the
falling edge of the 24th SCLK
pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com