Electronic Components Datasheet Search
  English  ▼

X  

AD5663 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5663
Description  Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5663 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5663 Datasheet HTML 20Page - Analog Devices AD5663 Datasheet HTML 21Page - Analog Devices AD5663 Datasheet HTML 22Page - Analog Devices AD5663 Datasheet HTML 23Page - Analog Devices AD5663 Datasheet HTML 24Page - Analog Devices AD5663 Datasheet HTML 25Page - Analog Devices AD5663 Datasheet HTML 26Page - Analog Devices AD5663 Datasheet HTML 27Page - Analog Devices AD5663 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD5623R/AD5643R/AD5663R
Data Sheet
Rev. F | Page 24 of 32
INTERNAL REFERENCE SETUP
The on-chip reference is off at power-up by default. This
reference can be turned on or off by setting a software
programmable bit, DB0, in the control register. Table 16 shows
how the state of the bit corresponds to the mode of operation.
Command 111 is reserved for setting up the internal reference
(see Table 8). See Table 16 for the contents of the input shift
register during the internal reference setup command.
Table 16. Reference Setup Register
Internal Reference
Setup Register (DB0)
Action
0
Reference off (default)
1
Reference on
Table 17. 32-Bit Input Shift Register Contents for Reference Setup Function
MSB
LSB
DB23 to DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15 to DB1
DB0
x
1
1
1
x
x
x
x
1/0
Don’t care
Command bits (C2 to C0)
Address bits (A2 to A0)
Don’t care
Reference
setup register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com