Electronic Components Datasheet Search
  English  ▼

X  

ADF4112BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 4Page - Analog Devices ADF4112BCP Datasheet HTML 5Page - Analog Devices ADF4112BCP Datasheet HTML 6Page - Analog Devices ADF4112BCP Datasheet HTML 7Page - Analog Devices ADF4112BCP Datasheet HTML 8Page - Analog Devices ADF4112BCP Datasheet HTML 9Page - Analog Devices ADF4112BCP Datasheet HTML 10Page - Analog Devices ADF4112BCP Datasheet HTML 11Page - Analog Devices ADF4112BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8348
Rev. A | Page 8 of 28
Pin No.
Mnemonic
Description
Equivalent
Circuit
15
ENBL
Chip Enable Input. Active high. Threshold is equal to VS/2.
D
17
VGIN
Gain Control Input. The voltage on this pin controls the gain on the IF VGA. The gain
control voltage range is from 0.2 V to 1.2 V and corresponds to a conversion gain range
from +25.5 dB to −18.5 dB. This is the gain to the output of the mixers (that is, IMXO and
QMXO). There is an additional 20 dB of fixed gain in the final baseband amplifiers (IAIN to
IOPP/IOPN and QAIN to QOPP/QOPN). Note that the gain control function has a negative
sense (that is, increasing voltage decreases gain).
D
18, 19
MXIP, MXIN
Auxiliary Mixer Inputs. If ENVG is low, the IFIP and IFIN inputs are disabled and MXIP and
MXIN are enabled, allowing the VGA to be bypassed. The auxiliary mixer inputs are fully
differential inputs that should be ac-coupled to the signal source.
I
24
ENVG
Active High VGA Enable. When ENVG is high, IFIP and IFIN inputs are enabled and MXIP
and MXIN inputs are disabled. When ENVG is low, MXIP and MXIN inputs are enabled and
IFIP and IFIN inputs are disabled.
D
27
COM1
LO Section Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com