Electronic Components Datasheet Search
  English  ▼

X  

ADF4112BCP Datasheet(PDF) 23 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 19Page - Analog Devices ADF4112BCP Datasheet HTML 20Page - Analog Devices ADF4112BCP Datasheet HTML 21Page - Analog Devices ADF4112BCP Datasheet HTML 22Page - Analog Devices ADF4112BCP Datasheet HTML 23Page - Analog Devices ADF4112BCP Datasheet HTML 24Page - Analog Devices ADF4112BCP Datasheet HTML 25Page - Analog Devices ADF4112BCP Datasheet HTML 26Page - Analog Devices ADF4112BCP Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8348
Rev. A | Page 23 of 28
LO GENERATION
Analog Devices has a line of PLLs that can be used for
generating the LO signal. Table 4 lists the PLLs and their
maximum frequency and phase noise performance.
Table 4. ADI PLL Selection Table
ADI Model
Frequency FIN
(MHz)
@ 1 kHz ΦN
dBc/Hz,
200 kHz PFD
ADF4001BRU
165
−99
ADF4001BCP
165
−99
ADF4110BRU
550
−91
ADF4110BCP
550
−91
ADF4111BRU
1200
−78
ADF4111BCP
1200
−78
ADF4112BRU
3000
−86
ADF4112BCP
3000
−86
ADF4116BRU
550
−89
ADF4117BRU
1200
−87
ADF4118BRU
3000
−90
ADI also offers the ADF4360 fully integrated synthesizer and
VCO on a single chip that offers differential outputs for driving
the local oscillator input of the AD8348. This means that the user
can eliminate the use of a balun for single-ended-to-differential
conversions. The ADF4360 comes as a family of chips with six
operating frequency ranges. One can be chosen depending on
the local oscillator frequency required. Table 5 shows the
options available.
Table 5. ADF4360 Family Operating Frequencies
ADI Model
Output Frequency Range (MHz)
ADF4360-1
2150 to 2450
ADF4360-2
1800 to 2150
ADF4360-3
1550 to 1950
ADF4360-4
1400 to 1800
ADF4360-5
1150 to 1400
ADF4360-6
1000 to 1250
ADF4360-7
Lower frequencies set by external L
EVALUATION BOARD
Figure 60 shows the schematic for the AD8348 evaluation
board. Note that uninstalled components are indicated with the
OPEN designation. The board is powered by a single supply in
the range of 2.7 V to 5.5 V. Table 6 details the various configu-
ration options of the evaluation board. Table 7 shows the various
jumper configurations for operating the evaluation board with
different signal paths.
Power to operate the board can be fed to a single VS test point
located near the LO input port at the top of the evaluation
board. A GND test point is conveniently provided next to the
VS test point for the return path.
The device is enabled by moving Switch SW11 (at the bottom left
of the evaluation board) to the ENBL position. The device is
disabled by moving SW11 to the DENBL position. If desired, the
device can be enabled and disabled from an external source that
can be fed into the ENBL SMA connector or the VENB test point,
in which case SW11 should be placed in the DENBL position.
The IF and MX inputs are selected via SW12. The switch should
be moved in the direction of the desired input.
Gain Control
For convenience, a potentiometer, R15, is provided to allow for
changes in gain without the need for an additional dc voltage
source. To use the potentiometer, the SW13 switch must be set
to the POT position. Alternatively, an external voltage applied
to either the test point or SMA connector labeled VGIN can set
the gain. SW13 must be set to the EXT position when an
external gain control voltage is used.
LO Input
The local oscillator signal should be fed to the SMA Connector
J21. This port is terminated in 50 Ω. The acceptable LO power
input range is from −12 dBm to 0 dBm and must be at a
frequency double that of the IF/MX frequency. Remember that
the AD8348 uses a 2:1 frequency divider in the LO path to
generate the internally required quadrature-phase-related LO
signals.
IF Input
The IF input should be fed into the SMA connector IFIP. The
VGA must be enabled when this port is used (SW12 in the IF
position). When this IF input is chosen, the signal path includes
a minimum-loss attenuator to transform a 50 Ω input source to
the 200 Ω source impedance level for which the VGA was
designed. This pad provides a very broadband input match at
the expense of an 11.46 dB power attenuation in the input path.
It is very important to take this into account when measuring
the noise and distortion performance of the unmodified board
using the IFIP input; the apparent noise figure will be degraded
by 11.46 dB, and the apparent IIP3 will be 11.46 dB higher than
actual. If full weak-signal performance is desired from the
evaluation board, the attenuator (comprising R31 and R32)
should be removed and replaced with a low-loss RF transformer
providing the desired 4:1 impedance ratio. When a transformer
is used, IFIN should be ac-coupled to ground and not driven
differentially with IFIP.
MX Input
The evaluation board is by default set for a differential MX drive
through a balun (T41) from a single-ended source fed into the
MXIP SMA connector. When the MX inputs are used, the
internal VGA is bypassed. To change to a differential driving
source, T41 should be removed along with Resistor R42. The
0 Ω R43 and R44 resistors should be installed in place of T41 to
bridge the gap between the input traces. This presents a nominal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com