Electronic Components Datasheet Search
  English  ▼

X  

ADF4112BCP Datasheet(PDF) 18 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 14Page - Analog Devices ADF4112BCP Datasheet HTML 15Page - Analog Devices ADF4112BCP Datasheet HTML 16Page - Analog Devices ADF4112BCP Datasheet HTML 17Page - Analog Devices ADF4112BCP Datasheet HTML 18Page - Analog Devices ADF4112BCP Datasheet HTML 19Page - Analog Devices ADF4112BCP Datasheet HTML 20Page - Analog Devices ADF4112BCP Datasheet HTML 21Page - Analog Devices ADF4112BCP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8348
Rev. A | Page 18 of 28
THEORY OF OPERATION
DIVIDE
BY 2
PHASE
SPLITTER
LOIN
LOIP
IMXO
VCMO
VREF
VCMO
IOFS
IAIN
IOPP
IOPN
VCMO
QOFS
ENVG
QXMO
MXIN
MXIP
QAIN
QOPP QOPN
GAIN
CONTROL
BIAS
CELL
IFIP
IFIN
VGIN
ENBL
VREF
18
24
19
21
16
23
25
26
28
1
5
3
4
6
13
8
14
15
11
10
17
AD8348
Figure 48. Functional Block Diagram
VGA
The VGA is implemented using the patented X-AMP architecture.
The single-ended IF signal is attenuated in eight discrete 6 dB
steps by a passive R-2R ladder. Each discrete attenuated version
of the IF signal is applied to the input of a transconductance
stage. The current outputs of all transconductance stages are
summed together and drive a resistive load at the output of the
VGA. Gain control is achieved by smoothly turning on and
off the relevant transconductance stages with a temperature-
compensated interpolation circuit. This scheme allows the gain
to continuously vary over a 44 dB range with linear-in-decibel
gain control. This configuration also keeps the relative dynamic
range constant (for example, IIP3 − NF in dB) over the gain
setting; however, the absolute intermodulation intercepts and
noise figure vary directly with gain. The analog voltage VGIN
sets the gain. VGIN = 0.2 V is the maximum gain setting, and
VGIN = 1.2 V is the minimum voltage gain setting.
DOWNCONVERSION MIXERS
The output of the VGA drives two (I and Q) double-balanced
Gilbert cell downconversion mixers. Alternatively, driving the
ENVG pin low can disable the VGA, and the mixers can be
externally driven directly via the MXIP and MXIN ports. At
the input of the mixer, a degenerated differential pair performs
linear voltage-to-current conversions. The differential output
current feeds into the mixer core where it is downconverted by
the mixing action of the Gilbert cell. The phase splitter provides
quadrature LO signals that drive the LO ports of the in-phase
and quadrature mixers.
Buffers at the output of each mixer drive the IMXO and QMXO
pins. These linear, low output impedance buffers drive 40 Ω,
temperature-stable, passive resistors in series with each output
pin (IMXO and QMXO). This 40 Ω should be considered when
calculating the reverse termination if an external filter is inserted
between IMXO (QMXO) and IAIN (QAIN). The VCMO pin sets
the dc output level of the buffer. This can be set externally or
connected to the on-chip 1.0 V reference, VREF.
PHASE SPLITTER
Quadrature generation is achieved using a divide-by-2 frequency
divider. Unlike a polyphase filter that achieves quadrature over
a limited frequency range, the divide-by-2 approach maintains
quadrature over a broad frequency range and does not attenuate
the LO. The user, however, must provide an external signal XLO
that is twice the frequency of the desired LO frequency. XLO drives
the clock inputs of two flip-flops that divide down the frequency
by a factor of 2. The outputs of the two flip-flops are one-half
period of XLO out of phase. Equivalently, the outputs are one-
quarter period (90°) of the desired LO frequency out of phase.
Because the transitions on XLO define the phase difference at
the outputs, deviation from 50% duty cycle translates directly to
quadrature phase errors.
If the user generates XLO from a 1× frequency (fREF) and a
frequency-doubling circuit (XLO = 2 × fREF), fundamentally
there is a 180° phase uncertainty between fREF and the AD8348
internal quadrature LO. The phase relationship between I and Q
LO, however, is always 90°.
I/Q BASEBAND AMPLIFIERS
Two (I and Q) fixed gain (20 dB), single-ended-to-differential
amplifiers are provided to amplify the demodulated signal
after off-chip filtering. The amplifiers use voltage feedback to
linearize the gain over the demodulation bandwidth. These
amplifiers can be used to maximize the dynamic range at the
input of an ADC following the AD8348.
The input to the baseband amplifiers, IAIN (QAIN), feeds into
the base of a bipolar transistor with an input impedance of
roughly 50 kΩ. The baseband amplifiers sense the single-ended
difference between IAIN (QAIN) and VCMO. IAIN (QAIN)
can be dc biased by terminating it with a shunt resistor to
VCMO, such as when an external filter is inserted between
IMXO (QMXO) and IAIN (QAIN). Alternatively, any dc
connection to IMXO (QXMO) can provide appropriate bias via
the offset-nulling loop.
ENABLE
A master biasing cell that can be disabled using the ENBL pin
controls the biasing for the chip. If the ENBL pin is held low,
the entire chip powers down to a low power sleep mode,
typically consuming 75 μA at 5 V.
BASEBAND OFFSET CANCELLATION
A low output current integrator senses the output voltage offset
at IOPP and IOPN (QOPP and QOPN) and injects a nulling
current into the signal path. The integration time constant of the
offset-nulling loop is set by Capacitor COFS from IOFS (QOFS) to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com