Electronic Components Datasheet Search
  English  ▼

X  

ADF4112BCP Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4112BCP
Description  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4112BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4112BCP Datasheet HTML 5Page - Analog Devices ADF4112BCP Datasheet HTML 6Page - Analog Devices ADF4112BCP Datasheet HTML 7Page - Analog Devices ADF4112BCP Datasheet HTML 8Page - Analog Devices ADF4112BCP Datasheet HTML 9Page - Analog Devices ADF4112BCP Datasheet HTML 10Page - Analog Devices ADF4112BCP Datasheet HTML 11Page - Analog Devices ADF4112BCP Datasheet HTML 12Page - Analog Devices ADF4112BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8348
Rev. A | Page 9 of 28
EQUIVALENT CIRCUITS
LOIN
LOIP
COM1
VPOS1
Figure 3. Circuit A
VCMO
VPOS3
IOPP, IOPN,
QOPP, QOPN
COM3
Figure 4. Circuit B
VCMO
VPOS3
COM3
Figure 5. Circuit C
IAIN, QAIN, VGIN,
ENBL, ENVG
VPOS3
COM3
Figure 6. Circuit D
VPOS2
COM3
IFIP
IFIN
Figure 7. Circuit E
IOFS,
QOFS
VPOS3
COM3
50µA
MAX
Figure 8. Circuit F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com