Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9446 Datasheet HTML 16Page - Analog Devices AD9446 Datasheet HTML 17Page - Analog Devices AD9446 Datasheet HTML 18Page - Analog Devices AD9446 Datasheet HTML 19Page - Analog Devices AD9446 Datasheet HTML 20Page - Analog Devices AD9446 Datasheet HTML 21Page - Analog Devices AD9446 Datasheet HTML 22Page - Analog Devices AD9446 Datasheet HTML 23Page - Analog Devices AD9446 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9446
Rev. 0 | Page 20 of 36
0
–140
0
50.0
FREQUENCY (MHz)
100MSPS
9.8MHz @ –7.0dBFS
10.8MHz @ –7.0dBFS
SFDR = 95dBc
12.5
25.0
37.5
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 36. AD9446-100 64k Point Two-Tone FFT/100 MSPS/9.8 MHz, 10.8 MHz
0
–130
–100
0
FUNDAMENTAL LEVEL (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 37. AD9446-100 Two-Tone SFDR vs. Analog Input Level 100 MSPS/
9.8 MHz, 10.8 MHz
0
–140
0
50.0
FREQUENCY (MHz)
100MSPS
69.3MHz @ –7.0dBFS
70.3MHz @ –7.0dBFS
SFDR = 92dBc
12.5
25.0
37.5
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 38. AD9446-100 64k Point Two-Tone FFT/100 MSPS/69.3 MHz, 70.3 MHz
0
–130
–100
0
FUNDAMENTAL LEVEL (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 39. AD9446-100 Two-Tone SFDR vs. Analog Input Level 100 MSPS/
69.3 MHz, 70.3 MHz
0
–140
04
FREQUENCY (MHz)
0
80MSPS
9.8MHz @ –7.0dBFS
10.8MHz @ –7.0dBFS
SFDR = 96dBc
10
20
30
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 40. AD9446-80 64k Point Two-Tone FFT/80 MSPS/9.8 MHz, 10.8 MHz
0
–130
–100
0
FUNDAMENTAL LEVEL (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 41. AD9446-80 Two-Tone SFDR vs. Analog Input Level 80 MSPS/
9.8 MHz, 10.8 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com