Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 3 Page - Analog Devices

  AD9446 Datasheet HTML 1Page - Analog Devices AD9446 Datasheet HTML 2Page - Analog Devices AD9446 Datasheet HTML 3Page - Analog Devices AD9446 Datasheet HTML 4Page - Analog Devices AD9446 Datasheet HTML 5Page - Analog Devices AD9446 Datasheet HTML 6Page - Analog Devices AD9446 Datasheet HTML 7Page - Analog Devices AD9446 Datasheet HTML 8Page - Analog Devices AD9446 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD9446
Rev. 0 | Page 3 of 36
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, LVDS mode, specified minimum sampling rate, 3.2 V p-p differential input, internal
trimmed reference (1.6 V mode), AIN = −1.0 dBFS, DCS on, unless otherwise noted.
Table 1.
AD9446BSVZ-80
AD9446BSVZ-100
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
16
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
−5
±0.1
+5
−5
±0.1
+5
mV
Gain Error
Full
−3
±0.6
+3
−3
±0.5
+3
% FSR
25°C
−2
±0.3
+2
−2
±0.3
+2
% FSR
Differential Nonlinearity (DNL)1
Full
−0.75
±0.4
+0.75
−0.85
±0.4
+0.85
LSB
Integral Nonlinearity (INL)1
25°C
−5
±3.0
+5
−6
±3.0
+6
LSB
VOLTAGE REFERENCE
Output Voltage1
VREF = 1.6 V (3.2 V p-p Analog Input Range)
Full
1.6
1.6
V
Load Regulation @ 1.0 mA
Full
±2
±2
mV
Reference Input Current (External 1.6 V Reference)
Full
μA
INPUT REFERRED NOISE
25°C
1.5
1.9
LSB rms
ANALOG INPUT
Input Span
VREF = 1.6 V
Full
3.2
3.2
V p-p
VREF = 1.0 V (External)
Full
2.0
2.0
V p-p
Internal Input Common-Mode Voltage
Full
3.5
3.5
V
External Input Common-Mode Voltage
Full
3.2
3.8
3.2
3.8
V
Input Resistance2
Full
1
1
kΩ
Input Capacitance2
Full
6
6
pF
POWER SUPPLIES
Supply Voltage
AVDD1
Full
3.14
3.3
3.46
3.14
3.3
3.46
V
AVDD2
Full
4.75
5.0
5.25
4.75
5.0
5.25
V
DRVDD—LVDS Outputs
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
DRVDD—CMOS Outputs
Full
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Current
IAVDD1
Full
335
365
368
401
mA
IAVDD21
Full
204
234
223
255
mA
IDRVDD1—LVDS Outputs
Full
68
75
69
75
mA
IDRVDD1—CMOS Outputs
Full
14
14
mA
PSRR
Offset
Full
1
1
mV/V
Gain
Full
0.2
0.2
%/V
POWER CONSUMPTION
LVDS Outputs
Full
2.4
2.6
2.6
2.8
W
CMOS Outputs (DC Input)
Full
2.2
2.3
W
1 Measured at the maximum clock rate, fIN = 15 MHz, full-scale sine wave, with a 100 Ω differential termination on each pair of output bits for LVDS output mode and
approximately 5 pF loading on each output bit for CMOS output mode.
2 Input capacitance or resistance refers to the effective impedance between one differential input pin and AGND. Refer to Figure 6 for the equivalent analog input structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com