Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9446 Datasheet HTML 28Page - Analog Devices AD9446 Datasheet HTML 29Page - Analog Devices AD9446 Datasheet HTML 30Page - Analog Devices AD9446 Datasheet HTML 31Page - Analog Devices AD9446 Datasheet HTML 32Page - Analog Devices AD9446 Datasheet HTML 33Page - Analog Devices AD9446 Datasheet HTML 34Page - Analog Devices AD9446 Datasheet HTML 35Page - Analog Devices AD9446 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9446
Rev. 0 | Page 34 of 36
Table 11. AD9446 Customer Evaluation Board Bill of Material
Item
Qty.
Reference
Designator
Description
Package
Value
Manufacturer
Mfg. Part No.
1
7
C4, C6, C33, C34, C87,
C88, C89
Capacitor
TAJD
10 μF
Digi-Key Corporation
478-1699-2
2
44
C2, C3, C5, C7, C8,
C9, C10, C11, C12,
C15, C20, C21, C22,
C23, C26, C27, C28,
C32, C35, C38, C40,
C42, C43, C46, C47,
C48, C50, C52, C53,
C59, C60, C76, C77,
C78, C82, C84, C85,
C86, C90, C91, C94,
C95, C96, C97
Capacitor
402
0.1 μF
Digi-Key Corporation
PCC2146CT-ND
3
2
C30, C58
Capacitor
201
0.01 μF
Digi-Key Corporation
445-1796-1-ND
4
4
C39, C56, C64, C65
Capacitor
TAJD
10 μF
Digi-Key Corporation
478-1699-2
5
1
C51
Capacitor
805
10 μF
Digi-Key Corporation
490-1717-1-ND
6
1
CR1
Diode
SOT23M5
Digi-Key Corporation
MA3X71600LCT-
ND
7
1
CR2
Diode
SOT23M5
Digi-Key Corporation
MA3X71600LCT-
ND
8
20
E1, E2, E3, E4, E5, E6,
E9, E10, E14, E18, E19,
E20, E24, E25, E26, E27,
E30, E31, E36, E41
Header
EHOLE
Mouser Electronics
517-6111TG
9
2
J1, J4
SMA
SMA
Digi-Key Corporation
ARFX1231-ND
10
1
L1
Inductor
0603A
10 nH
Coilcraft, Inc.
0603CS-10NXGBU
11
3
L3, L4, L5
EMIFIL®
BLM31PG500SN1L
1206MIL
Mouser Electronics
81-BLM31P500S
12
1
P4
PJ-002A
PJ-002A
Digi-Key Corporation
CP-002A-ND
13
1
P7
Header
C40MS
Samtec, Inc.
TSW-120-08-L-D-
RA
14
1
R3
Resistor
402
3.74 kΩ
Digi-Key Corporation
P3.74KLCT-ND
15
1
R8
Resistor
402
50 Ω
Digi-Key Corporation
P49.9LCT-ND
16
4
R10, R19, R39, L2
Resistor
402
0 Ω
Digi-Key Corporation
P0.0JCT-ND
17
1
R11
BRES402
402
1 kΩ
Digi-Key Corporation
P1.0KLCT-ND
18
2
R28, R35
Resistor
402
33 Ω
Digi-Key Corporation
P33JCT-ND
19
2
RZ4, RZ5
Resistor array
16PIN
22 Ω
Digi-Key Corporation
742C163220JCT-
ND
20
2
T3, T5
Transformer
ADT1-1WT
Mini-Circuits
ADT1-1WT
21
1
U1
AD9445BSVZ-125
SV-100-3
Analog Devices, Inc.
AD9445BSVZ-100
22
1
U14
ADP3338-5
SOT-
223HS
Analog Devices, Inc.
ADP3338-5
23
2
U3, U7
ADP3338-3.3
SOT-
223HS
Analog Devices, Inc.
ADP3338-33
24
1
U8
SN75LVDT386
TSSOP64
Arrow Electronics, Inc.
SN75LVDT386
25
1
U15
SN75LVDT390
SOIC16PW
Arrow Electronics, Inc.
SN75LVDT390
26
2
R4, R6
Resistor
402
36 Ω
Digi-Key Corporation
P36JCT-ND
27
2
C1, C44, C551
Capacitor
TAJD
10 μF
Digi-Key Corporation
478-1699-2
28
23
C13, C14, C16, C17,
C18, C19, C29, C31,
C36, C37, C41, C45,
C49, C61, C69, C70,
C72, C73, C75, C93,
C108, C109, C1101
CAP402
402
XX
29
1
C981
Capacitor
805
10 μF
Digi-Key Corporation
490-1717-1-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com