Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9446 Datasheet HTML 20Page - Analog Devices AD9446 Datasheet HTML 21Page - Analog Devices AD9446 Datasheet HTML 22Page - Analog Devices AD9446 Datasheet HTML 23Page - Analog Devices AD9446 Datasheet HTML 24Page - Analog Devices AD9446 Datasheet HTML 25Page - Analog Devices AD9446 Datasheet HTML 26Page - Analog Devices AD9446 Datasheet HTML 27Page - Analog Devices AD9446 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD9446
Rev. 0 | Page 24 of 36
THEORY OF OPERATION
The AD9446 architecture is optimized for high speed and ease
of use. The analog inputs drive an integrated, high bandwidth
track-and-hold circuit that samples the signal prior to quantization
by the 16-bit pipeline ADC core. The device includes an on-board
reference and input logic that accepts TTL, CMOS, or LVPECL
levels. The digital output logic levels are user selectable as standard
3 V CMOS or LVDS (ANSI-644 compatible) via the OUTPUT
MODE pin.
ANALOG INPUT AND REFERENCE OVERVIEW
A stable and accurate 0.5 V band gap voltage reference is built
into the AD9446. The input range can be adjusted by varying
the reference voltage applied to the AD9446, using either the
internal reference or an externally applied reference voltage.
The input span of the ADC tracks reference voltage changes
linearly.
Internal Reference Connection
A comparator within the AD9446 detects the potential at the
SENSE pin and configures the reference into three possible states,
which are summarized in Table 9. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 55), setting VREF to ~1.6 V. If a resistor
divider is connected as shown in Figure 56, the switch again sets
to the SENSE pin. This puts the reference amplifier in a
noninverting mode with the VREF output defined as
⎟
⎠
⎞
⎜
⎝
⎛ +
×
=
R1
R2
V
VREF
1
5
.
0
In all reference configurations, REFT and REFB drive the
analog-to-digital conversion core and establish its input span.
The input range of the ADC always equals twice the voltage at
the reference pin for either an internal or an external reference.
Internal Reference Trim
The internal reference voltage is trimmed during the production
test; therefore, there is little advantage to the user supplying an
external voltage reference to the AD9446. The gain trim is per-
formed with the AD9446 input range set to 3.2 V p-p nominal
(SENSE connected to AGND). Because of this trim and the
maximum ac performance provided by the 3.2 V p-p analog
input range, there is little benefit to using analog input ranges
<2 V p-p. However, reducing the range can improve SFDR
performance in some applications. Likewise, increasing the
range up to 3.8 V p-p can improve SNR. Users are cautioned
that the differential nonlinearity of the ADC varies with the
reference voltage. Configurations that use <2.0 V p-p may
exhibit missing codes and therefore degraded noise and
distortion performance.
10
μF
+
0.1
μF
VREF
SENSE
0.5V
AD9446
VIN–
VIN+
REFT
0.1
μF
0.1
μF
10
μF
0.1
μF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 55. Internal Reference Configuration
10
μF
+
0.1
μF
VREF
SENSE
R2
R1
0.5V
AD9446
VIN–
VIN+
REFT
0.1
μF
0.1
μF
10
μF
0.1
μF
REFB
SELECT
LOGIC
ADC
CORE
+
Figure 56. Programmable Reference Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com