Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9861 Datasheet HTML 44Page - Analog Devices AD9861 Datasheet HTML 45Page - Analog Devices AD9861 Datasheet HTML 46Page - Analog Devices AD9861 Datasheet HTML 47Page - Analog Devices AD9861 Datasheet HTML 48Page - Analog Devices AD9861 Datasheet HTML 49Page - Analog Devices AD9861 Datasheet HTML 50Page - Analog Devices AD9861 Datasheet HTML 51Page - Analog Devices AD9861 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
AD9861
Rev. 0 | Page 49 of 52
OUTLINE DIMENSIONS
1
64
16
17
49
48
32
33
0.45
0.40
0.35
0.60 MAX
0.60 MAX
0.25 MIN
0.50 BSC
0.20 REF

* COMPLIANT TO JEDEC STANDARDS MO-220-VMMD
EXCEPT FOR EXPOSED PAD DIMENSION
BOTTOM
VIEW
0.30
0.25
0.18
7.50 REF
7.25
7.10 SQ*
6.95
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
TOP
VIEW
9.00
BSC SQ
8.75
BSC SQ
PIN 1
INDICATOR
PIN 1
INDICATOR
Figure 87. 64-Lead Lead Frame Chip Scale Package (LFCSP) [CP-64]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com