Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 1 Page - Analog Devices

  AD9861 Datasheet HTML 1Page - Analog Devices AD9861 Datasheet HTML 2Page - Analog Devices AD9861 Datasheet HTML 3Page - Analog Devices AD9861 Datasheet HTML 4Page - Analog Devices AD9861 Datasheet HTML 5Page - Analog Devices AD9861 Datasheet HTML 6Page - Analog Devices AD9861 Datasheet HTML 7Page - Analog Devices AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Mixed-Signal Front-End (MxFE™) Baseband
Transceiver for Broadband Applications
AD9861
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Receive path includes dual 10-bit analog-to-digital
converters with internal or external reference, 50 MSPS
and 80 MSPS versions
Transmit path includes dual 10-bit, 200 MSPS digital-to-
analog converters with 1×, 2×, or 4× interpolation and
programmable gain control
Internal clock distribution block includes a programmable
phase-locked loop and timing generation circuitry,
allowing single-reference clock operation
20-pin flexible I/O data interface allows various interleaved
or noninterleaved data transfers in half-duplex mode and
interleaved data transfers in full-duplex mode
Configurable through register programmability or
optionally limited programmability through mode pins
Independent Rx and Tx power-down control pins
64-lead LFCSP package (9 mm × 9 mm footprint)
3 configurable auxiliary converter pins
APPLICATIONS
Broadband access
Broadband LAN
Communications (modems)
FUNCTIONAL BLOCK DIAGRAM
DATA
MUX
AND
LATCH
DATA
LATCH
AND
DEMUX
I/O
INTERFACE
CONFIGURATION
BLOCK
AD9861
I/O
INTERFACE
CONTROL
FLEXIBLE
I/O BUS
[0:19]
Rx DATA
Tx DATA
ADC
VIN+A
VIN–A
ADC
VIN+B
VIN–B
LOW-PASS
INTERPOLATION
FILTER
DAC
IOUT+A
IOUT–A
DAC
IOUT+B
IOUT–B
AUX
ADC
AUX
DAC
AUX
DAC
AUX
DAC
AUX
ADC
CLKIN
ADC CLOCK
03606-0-001
DAC CLOCK
PLL
Figure 1.
GENERAL DESCRIPTION
The AD9861 is a member of the MxFE family—a group of
integrated converters for the communications market. The
AD9861 integrates dual 10-bit analog-to-digital converters
(ADC) and dual 10-bit digital-to-analog converters (TxDAC®).
Two speed grades are available, -50 and -80. The -50 is opti-
mized for ADC sampling of 50 MSPS and less, while the -80 is
optimized for ADC sample rates between 50 MSPS and 80 MSPS.
The dual TxDACs operate at speeds up to 200 MHz and
include a bypassable 2× or 4× interpolation filter. Three
auxiliary converters are also available to provide required
system level control voltages or to monitor system signals. The
AD9861 is optimized for high performance, low power, small
form factor, and to provide a cost-effective solution for the
broadband communication market.
The AD9861 uses a single input clock pin (CLKIN) to generate
all system clocks. The ADC and TxDAC clocks are generated
within a timing generation block that provides user programma-
ble options such as divide circuits, PLL multipliers, and switches.
A flexible, bidirectional 20-bit I/O bus accommodates a variety
of custom digital back ends or open market DSPs.
In half-duplex systems, the interface supports 20-bit parallel
transfers or 10-bit interleaved transfers. In full-duplex systems,
the interface supports an interleaved 10-bit ADC bus and an
interleaved 10-bit TxDAC bus. The flexible I/O bus reduces pin
count and, therefore, reduces the required package size on the
AD9861 and the device to which it connects.
The AD9861 can use either mode pins or a serial program-
mable interface (SPI) to configure the interface bus, operate the
ADC in a low power mode, configure the TxDAC interpolation
rate, and control ADC and TxDAC power-down. The SPI
provides more programmable options for both the TxDAC path
(for example, coarse and fine gain control and offset control for
channel matching) and the ADC path (for example, the internal
duty cycle stabilizer, and twos complement data format).
The AD9861 is packaged in a 64-lead LFCSP (low profile, fine
pitched, chip scale package). The 64-lead LFCSP footprint is
only 9 mm × 9 mm, and is less than 0.9 mm high, fitting into
tightly spaced applications such as PCMCIA cards


Similar Part No. - AD9861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9861 AD-AD9861 Datasheet
977Kb / 52P
Transceiver for Broadband Applications
30-Jun-2017
AD9861-50EB AD-AD9861-50EB Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9861-80EB AD-AD9861-80EB Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9861BCP-50 AD-AD9861BCP-50 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
More results

Similar Description - AD9861

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
Mixed-Signal Front End for Broadband Applications
3/05-Rev. 0 to Rev. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
11/03-Revision 0
AD9863 AD-AD9863 Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861_15 Datasheet
1Mb / 52P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
Mixed-Signal Front End for Broadband Applications
REV. A
AD9993 AD-AD9993 Datasheet
2Mb / 56P
Integrated Mixed-Signal Front End (MxFE)
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com