Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9861 Datasheet HTML 3Page - Analog Devices AD9861 Datasheet HTML 4Page - Analog Devices AD9861 Datasheet HTML 5Page - Analog Devices AD9861 Datasheet HTML 6Page - Analog Devices AD9861 Datasheet HTML 7Page - Analog Devices AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices AD9861 Datasheet HTML 10Page - Analog Devices AD9861 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9861
Rev. 0 | Page 7 of 52
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Electrical
AVDD Voltage
3.9 V max
DRVDD Voltage
3.9 V max
Analog Input Voltage
–0.3 V to AVDD + 0.3 V
Digital Input Voltage
–0.3 V to DVDD – 0.3 V
Digital Output Current
5 mA max
Environmental
Operating Temperature Range
(Ambient)
–40
°C to +85°C
Maximum Junction Temperature
150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range
(Ambient)
–65
°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Thermal Resistance
64-lead LFCSP (4-layer board):
θJA
= 24.2 (paddle soldered to ground plan, 0 LPM Air)
θJA
= 30.8 (paddle not soldered to ground plan, 0 LPM Air)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com