Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9861 Datasheet HTML 5Page - Analog Devices AD9861 Datasheet HTML 6Page - Analog Devices AD9861 Datasheet HTML 7Page - Analog Devices AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices AD9861 Datasheet HTML 10Page - Analog Devices AD9861 Datasheet HTML 11Page - Analog Devices AD9861 Datasheet HTML 12Page - Analog Devices AD9861 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD9861
Rev. 0 | Page 9 of 52
Pin No.
Name1
Description2, 3
34
AUX_SPI_CLK
CLK for AuxSPI.
35–44
L9–L0
Lower Data Bit 9 to Lower Data Bit 0.
45
AUX3
Configurable as either AuxADC_B or AuxDAC_C.
46
RESET
Chip Reset When Low.
47
AUX_ADC_REF
Decoupling for AuxADC On-Chip Reference.
48
CLKIN
Clock Input.
52
REFB
ADC Bottom Reference.
54, 55
VIN+B, VIN−B
ADC B Differential Input.
56
VREF
ADC Band Gap Reference.
57, 58
VIN−A, VIN+A
ADC A Differential Input.
60
REFT
ADC Top Reference.
62
RxPwrDwn
Rx Analog Power-Down Control.
63
TxPwrDwn
Tx Analog Power-Down Control.
64
SPI_CS
SPI: Serial Port Chip Select. At power-up or reset, this must be high.
No SPI: Tie low to disable SPI and use mode pins. This pin must be tied low.
1 Underlined pin names and descriptions apply when the device is configured without a serial port interface, referred to as no SPI mode.
2 Pin function depends if the serial port is used to configure the AD9861 (called SPI mode) or if mode pins are used to configure the AD9861 (called No SPI mode). The
differences are indicated by the SPI and No SPI labels in the description column.
3 Some pin descriptions depend on the interface configuration, full-duplex (FD), half-duplex interleaved data (HD10), half-duplex parallel data (HD20), and a half-duplex
interface similar to the AD9860 and AD9862 data interface called clone mode (Clone). Clone mode requires a serial port interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com