Electronic Components Datasheet Search
  English  ▼

X  

AD9861 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9861 Datasheet HTML 8Page - Analog Devices AD9861 Datasheet HTML 9Page - Analog Devices AD9861 Datasheet HTML 10Page - Analog Devices AD9861 Datasheet HTML 11Page - Analog Devices AD9861 Datasheet HTML 12Page - Analog Devices AD9861 Datasheet HTML 13Page - Analog Devices AD9861 Datasheet HTML 14Page - Analog Devices AD9861 Datasheet HTML 15Page - Analog Devices AD9861 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
AD9861
Rev. 0 | Page 12 of 52
0
–5
–10
–15
–20
–25
–30
–35
SNR
–40
0
10
20
30
40
50
60
70
–45
INPUT AMPLITUDE (dBFS)
IDEAL SNR
Figure 16. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. Input Amplitude
56
57
58
59
60
61
62
AVE (–40
°C)
AVE (+85
°C)
2.7
3.0
3.3
3.6
ADC_AVDD VOLTAGE (V)
AVE (+25
°C)
Figure 17. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SNR Performance vs. ADC_AVDD and Temperature
–75.0
–74.5
–74.0
–73.5
–73.0
–72.5
–72.0
–71.5
–71.0
–70.5
–70.0
AVE (+85
°C)
INPUT AMPLITUDE (dBFS)
AVE (+25
°C)
AVE (–40
°C)
3.6
3.3
3.0
2.7
Figure 18. AD9861-50 Rx Path Single-Tone THD Performance vs.
ADC_AVDD and Temperature
0
–5
–10
–15
–20
–25
–30
–35
20
30
40
50
60
70
80
90
–90
–80
–70
–60
–50
–40
–30
–20
SFDR
THD
–40
INPUT AMPLITUDE (dBFS)
Figure 19. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
THD and SFDR Performance vs. Input Amplitude
2.7
3.0
3.3
56
59
58
57
62
61
60
10.0
9.9
9.8
9.7
9.6
9.5
9.4
9.3
9.2
9.1
9.0
AVE (+85
°C)
3.6
ADC_AVDD VOLTAGE (V)
AVE (+25
°C)
AVE (–40
°C)
Figure 20. AD9861-50 Rx Path at 50 MSPS, 10 MHz Input Tone
SINAD Performance vs. ADC_AVDD and Temperature
3.6
3.3
3.0
78
70
71
72
73
74
75
76
77
AVE (+85
°C)
2.7
INPUT AMPLITUDE (dBFS)
AVE (+25
°C)
AVE (–40
°C)
Figure 21. AD9861-50 Rx Path Single-Tone SFDR Performance vs.
ADC_AVDD and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com