Electronic Components Datasheet Search
  English  ▼

X  

TAS5706APAP Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 33Page - Texas Instruments TAS5706APAP Datasheet HTML 34Page - Texas Instruments TAS5706APAP Datasheet HTML 35Page - Texas Instruments TAS5706APAP Datasheet HTML 36Page - Texas Instruments TAS5706APAP Datasheet HTML 37Page - Texas Instruments TAS5706APAP Datasheet HTML 38Page - Texas Instruments TAS5706APAP Datasheet HTML 39Page - Texas Instruments TAS5706APAP Datasheet HTML 40Page - Texas Instruments TAS5706APAP Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 71 page
background image
APPLICATION INFORMATION
Recovery From Error
Interchannel Delay (ICD) Settings
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
Protection Mechanisms in the TAS5706A/B
• SCP (short-circuit protection, OCP) protects against shorts across the load, to GND, and to PVCC.
• OTP turns off the device if T
die (typical) > 150°C.
• UVP turns off the device if PVCC (typical) < 8.4 V
• OVP turns off the device if PVCC (typical) > 27.5 V
A short-circuit condition can be detected also by an external controller. The SCP error from the external power
stage is also fed into TAS5706A/B. The VALID pin goes low in the event of a short circuit. The VALID pin can be
monitored by an external
µC. The TAS5706A/B initiates a back-end error sequence by itself to recover from the
error, which involves settling VALID low for a programmable amount of time and then retrying to check whether
the SCP condition still exists.
• OTP turns on the device back when T
die(typical) < 135°C.
• UVP turns on the device if PVCC (typical) is > 8.5 V.
• OVP turns on the device if PVCC (typical) is < 27.2 V.
Recommended ICD Settings
Mode
Description
ICD1
ICD2
ICD3
ICD4
ICD5
ICD6
2 BTL channels, internal
A(L+) = 19
C(R+) = 13
B(L–) = 7
D(R–) = 25
SM(S–) = –12 SP(S+) = –28
2.0 ch BD BTL
power stage only, BD
(0x4C)
(0x34)
(0x1C)
(0x64)
(0xD0)
(0x90)
mode
2 internal BTL channels,
1 external BTL channel
A(L+) = 23
C(R+) = 9
B(L–) = 21
D(R–) = 11
SM(S–) = –23 SP(S+) = –21
2.1 ch AD BTL
using PBTL TAS5601,
(0x5C)
(0x24)
(0x54)
(0x2C)
(0xA4)
(0xAC)
AD mode
2 internal SE channels (2
unused), 1 external BTL
A(L+) = 15
B(R–) = –15
B(0) = 0
D(0) = 0
SM(S–) = –30 SP(S+) = –32
2.1 ch AD SE
channel using PBTL
(0x3C)
(0xC4)
(0x00)
(0x00)
(0x88)
(0x80)
TAS5601, AD mode
2 internal BTL channels,
1 external BTL channel
A(L+) = 19
C(R+) = 13
B(L–) = 7
D(R–) = 25
SM(S–) = –12 SP(S+) = –28
2.1 ch BD BTL
using PBTL TAS5601,
(0x4C)
(0x34)
(0x1C)
(0x64 )
(0xD0)
(0x90)
BD mode
2 internal SE channels +
3.0 ch AD 2SE +
A(L+) = 15
B(R–) = –16
SM(0) = 0
SP(0) = 0
D(S–) = 0
C(S+) = 2
1 internal BTL channel,
1 BTL
(0x3C)
(0xC0)
(0x00)
(0x00)
(0x00)
(0x08)
AD mode
A(L1+) = 8
B(R1–) = –24
C(L2+) = –8
D(R2–) = 24
SM(0) = 1
SP(0) = –1
4.0 ch AD SE
4 internal SE channels
(=0x20)
(0xA0)
(0xE0)
(0x60)
(0x04)
(0xFC)
4 internal SE channels +
1 external BTL channel,
A(L1+) = 8
B(R1–) = –24
C(L2+) = –8
D(R2–)= 24
SM(S–) = 1
SP(S+) = –1
4.1 ch AD SE
using PBTL TAS5601,
(0x20)
(0xA0)
(xE0)
(0x60)
(0x04)
(0xFC)
AD mode.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com